công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX573DT bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC74LCX573DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX573DT bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MC74LCX573DT Datasheet HTML 1Page - ON Semiconductor MC74LCX573DT Datasheet HTML 2Page - ON Semiconductor MC74LCX573DT Datasheet HTML 3Page - ON Semiconductor MC74LCX573DT Datasheet HTML 4Page - ON Semiconductor MC74LCX573DT Datasheet HTML 5Page - ON Semiconductor MC74LCX573DT Datasheet HTML 6Page - ON Semiconductor MC74LCX573DT Datasheet HTML 7Page - ON Semiconductor MC74LCX573DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74LCX573
LCX DATA
BR1339 — REV 3
7
MOTOROLA
OUTLINE DIMENSIONS
SD SUFFIX
PLASTIC SSOP PACKAGE
CASE 940C–03
ISSUE B
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948E–02
ISSUE A
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
_
___
NOTES:
6 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
7 CONTROLLING DIMENSION: MILLIMETER.
8 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
9 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
10 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
11 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
12 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
110
11
20
PIN 1
IDENT
A
B
–T–
0.100 (0.004)
C
D
G
H
SECTION N–N
K
K1
JJ1
N
N
M
F
–W–
SEATING
PLANE
–V–
–U–
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
–––
–––
S
U
0.15 (0.006) T
20
11
10
1
H
A
B
F
M
K
20X
REF
S
U
M
0.12 (0.005)
V S
T
L
L/2
PIN 1
IDENT
S
U
M
0.20 (0.008)
T
–V–
–U–
D
C
0.076 (0.003)
G
–T– SEATING
PLANE
DETAIL E
N
N
0.25 (0.010)
K
J
J1
K1
SECTION N–N
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.07
7.33
0.278
0.288
MILLIMETERS
B
5.20
5.38
0.205
0.212
C
1.73
1.99
0.068
0.078
D
0.05
0.21
0.002
0.008
F
0.63
0.95
0.024
0.037
G
0.65 BSC
0.026 BSC
H
0.59
0.75
0.023
0.030
J
0.09
0.20
0.003
0.008
J1
0.09
0.16
0.003
0.006
K
0.25
0.38
0.010
0.015
K1
0.25
0.33
0.010
0.013
__
__
NOTES:
13 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14 CONTROLLING DIMENSION: MILLIMETER.
15 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
16 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
17 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION/INTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF K DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR INTRUSION
SHALL NOT REDUCE DIMENSION K BY MORE
THAN 0.07 (0.002) AT LEAST MATERIAL
CONDITION.
18 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
19 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
L
7.65
7.90
0.301
0.311
M
0
8
0
8
DETAIL E
–W–


Số phần tương tự - MC74LCX573DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX573DT MOTOROLA-MC74LCX573DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX573DT ONSEMI-MC74LCX573DT Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74LCX573DTG ONSEMI-MC74LCX573DTG Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74LCX573DTG ONSEMI-MC74LCX573DTG Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
MC74LCX573DTR2 ONSEMI-MC74LCX573DTR2 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
More results

Mô tả tương tự - MC74LCX573DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com