công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DZ2W06200L bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor |
|
DZ2W06200L bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor |
1 / 5 page Product Standards Zener Diode DZ2W06200L Absolute Maximum Ratings Ta = 25 C Note: *1 Mounted on ceramics print circuit board. Board size: 50 mm × 50 mm Board thickness: 0.8 mm Soldering size: 2 mm × 2 mm *2 t = 0.1ms *3 Test method:IEC61000_4_2(C = 150 pF,R = 330 , Contact discharge:10 times) Electrical Characteristics Ta = 25 C 3 C Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes. 2. Absolute frequency of input and output is 5 MHz. 3. *1 The temperature must be controlled 25°C for VZ mesurement. VZ value measured at other temperature must be adjusted to VZ (25°C) *2 VZ guaranted 20 ms after current flow. *3 Tj = 25°C to 150°C Page 20 μA kV Electrostatic discharge *3 IZ = 10 mA Reverse current V Parameter Forward current IF 200 mA Repetitive peak forward current IFRM 500 mA Temperature coefficient of zener voltage *3 SZ IZ = 10 mA Zener voltage *1, *2 VZ IZ = 10 mA Zener operating resistance RZ IR VR = 3.0 V Parameter Symbol Rating Unit Code 1. Cathode ― Panasonic Mini2-F3-B JEITA SC-109B DZ2W06200L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24062 in Mini2 type package Features Embossed type (Thermo-compression sealing) : 3 Low zener operating resistance Rz Excellent rising characteristics of zener current Iz Halogen-free / RoHS compliant 000 pcs / reel (standard) (EU RoHS / UL-94 V-0 / MSL:Level 1 compliant) Marking Symbol: FJ Packaging 2. Anode 1of 4 Unit: mm Min Typ W Non-repetitive reverse power surge *2 PZSM 100 W 1 Total power dissipation *1 PT Symbol Conditions Forward voltage VF IF = 200 mA Unit 5.89 6.20 Max 6.51 1.2 Internal Connection 2.2 mV/°C V 30 ±30 Junction temperature Tj 150 ESD °C Operating ambient temperature Topr -40 to +85 °C +150 °C Storage temperature Tstg -55 to 1 2 1.6 0.8 0.9 0.13 1 2 Doc No. TT4-EA-13113 Revision. 4 Established : 2011-03-11 Revised : 2013-05-08 |
Số phần tương tự - DZ2W06200L |
|
Mô tả tương tự - DZ2W06200L |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |