công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV197-Q1 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV197-Q1
Giải thích chi tiết về linh kiện  TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV197-Q1 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TLV197-Q1 Datasheet HTML 11Page - Texas Instruments TLV197-Q1 Datasheet HTML 12Page - Texas Instruments TLV197-Q1 Datasheet HTML 13Page - Texas Instruments TLV197-Q1 Datasheet HTML 14Page - Texas Instruments TLV197-Q1 Datasheet HTML 15Page - Texas Instruments TLV197-Q1 Datasheet HTML 16Page - Texas Instruments TLV197-Q1 Datasheet HTML 17Page - Texas Instruments TLV197-Q1 Datasheet HTML 18Page - Texas Instruments TLV197-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Time (200 ns/div)
VOUT
VIN
-
+
VOUT
VIN
+ 18 V
- 18 V
TLV197-Q1
+
-
Time (100 ns/div)
CL
RL
-
+
VIN
+ 18 V
-18 V
TLV197-Q1
+
-
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
-
+
VIN
+ 18 V
-18 V
CL
TLV197-Q1
+
-
RISO
R
ISO = 0 Ω
R
ISO = 25 Ω
R
ISO = 50 Ω
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
R
ISO = 0 Ω
R
ISO = 25 Ω
R
ISO = 50 Ω
CL
RL
-
+
VIN
+ 18 V
-18 V
TLV197-Q1
+
-
RISO
–3.0
–2.0
–1.0
0.0
1.0
2.0
3.0
–75
–50
–25
0
25
50
75
100
125
150
Temperature (°C)
V
S = 4.5 V
V
S = 36 V
10
100
1k
10k
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C016
15
TLV197-Q1, TLV2197-Q1, TLV4197-Q1
www.ti.com
SBOS935 – APRIL 2020
Product Folder Links: TLV197-Q1 TLV2197-Q1 TLV4197-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
RL = 10 kΩ
Figure 19. Open-Loop Gain vs Temperature
Figure 20. Open-Loop Output Impedance vs Frequency
RI = 1 kΩ, RF = 1 kΩ, G = –1
Figure 21. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
G = 1
Figure 22. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)
RI = 1 kΩ, RF = 10 kΩ, G = –10
Figure 23. Positive Overload Recovery
CL = 10 pF, G = 1
Figure 24. Small-Signal Step Response (100 mV)


Số phần tương tự - TLV197-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV1012 TI-TLV1012 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1012-15YDCR TI-TLV1012-15YDCR Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-15YDCR TI-TLV1018-15YDCR Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
More results

Mô tả tương tự - TLV197-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com