công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLIN1028-Q1 bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện TLIN1028-Q1
Giải thích chi tiết về linh kiện  TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1028-Q1 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TLIN1028-Q1_V01 Datasheet HTML 11Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 12Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 13Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 14Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 15Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 16Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 17Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 18Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
trx_pdf(1)
trx_pdr(1)
THREC(MAX)
THREC(MIN)
THDOM(MAX)
THDOM(MIN)
LIN Bus
Signal
VSUP
Thresholds
RX Node 1
Thresholds
RX Node 2
RXD: Node 1
D1 (20 kbps)
D3 (10.4 kbps)
RXD: Node 2
D2 (20 kbps)
D4 (10.4 kbps)
trx_pdr(2)
trx_pdf(2)
Copyright © 2017, Texas Instruments Incorporated
5
2
7
6
8
1
4
3
Pulse Generator
tR/tF
: Square Wave: < 20 ns
tR/tF
: Triangle Wave: < 40ns
Frequency: 20 Hz
Jitter: < 25 ns
Measurement Tools
O-scope:
DMM
Power Supply
Resolution: 10mV/ 1mA
Accuracy: 0.2%
VPS
RXD
EN
VCC
LIN
GND
VSUP
VCC
2.4 k
Ÿ
20 pF
V
CC
15
TLIN1028-Q1
www.ti.com
SLLSEX4 – AUGUST 2019
Product Folder Links: TLIN1028-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Test Circuit: Diagrams and Waveforms (continued)
Figure 13. Propagation Delay Test Circuit
Figure 14. Propagation Delay


Số phần tương tự - TLIN1028-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
More results

Mô tả tương tự - TLIN1028-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
TLIN2027-Q1 TI1-TLIN2027-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TLIN2027-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com