công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS6222 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện THS6222
Giải thích chi tiết về linh kiện  THS6222 8 V to 32 V, Differential Broadband HPLC Line Driver With Common-mode Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

THS6222 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  THS6222_V01 Datasheet HTML 1Page - Texas Instruments THS6222_V01 Datasheet HTML 2Page - Texas Instruments THS6222_V01 Datasheet HTML 3Page - Texas Instruments THS6222_V01 Datasheet HTML 4Page - Texas Instruments THS6222_V01 Datasheet HTML 5Page - Texas Instruments THS6222_V01 Datasheet HTML 6Page - Texas Instruments THS6222_V01 Datasheet HTML 7Page - Texas Instruments THS6222_V01 Datasheet HTML 8Page - Texas Instruments THS6222_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Thermal
Pad
1
D1_IN+
2
D2_IN+
3
DGND
4
IADJ
5
VCM
6
NC
7
NC
13
NC
14
NC
15
NC
16
NC
17
D2_OUT
18
D2_IN±
19
D1_IN±
Not to scale
3
THS6222
www.ti.com
SBOS974B – AUGUST 2019 – REVISED APRIL 2020
Product Folder Links: THS6222
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
RHF Package
24-Pin VQFN With Exposed Thermal Pad
Top View
NOTE: NC = no internal connection.
(1)
I = input, O = output, and P = power,
(2)
The THS6222 defaults to the shutdown (disable) state if a signal is not present on the bias pins.
(3)
The DGND pin ranges from VS– to (VS+ – 5 V).
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BIAS-1(2)
23
I
Bias mode control, LSB
BIAS-2(2)
24
I
Bias mode control, MSB
D1_IN–
19
I
Amplifier D1 inverting input
D2_IN–
18
I
Amplifier D2 inverting input
D1_IN+
1
I
Amplifier D1 noninverting input
D2_IN+
2
I
Amplifier D2 noninverting input
D1_OUT
20
O
Amplifier D1 output
D2_OUT
17
O
Amplifier D2 output
DGND(3)
3
I
Ground reference for bias control pins
IADJ
4
I
Bias current adjustment pin
NC
6-16
No internal connection
VCM
5
O
Common-mode buffer output
VS–
22
P
Negative power-supply connection
VS+
21
P
Positive power-supply connection
Thermal Pad
P
Electrically connected to die substrate and VS–. Connect to VS– on the printed circuit board
(PCB) for best performance.


Số phần tương tự - THS6222_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
More results

Mô tả tương tự - THS6222_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS6222 TI1-THS6222 Datasheet
547Kb / 20P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222 TI-THS6222_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS6222 8 V to 32 V, Differential HPLC Line Driver with Common-Mode Buffer
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com