công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E6A2-C bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện E6A2-C
Giải thích chi tiết về linh kiện  Compact Encoder with External Diameter of 25 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6A2-C bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  E6A2-C Datasheet HTML 1Page - Omron Electronics LLC E6A2-C Datasheet HTML 2Page - Omron Electronics LLC E6A2-C Datasheet HTML 3Page - Omron Electronics LLC E6A2-C Datasheet HTML 4Page - Omron Electronics LLC E6A2-C Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E6A2-C
3
I/O Circuit Diagrams
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the Encoder under ambient conditions that exceed the ratings.
● Wiring
Spurious pulses may be generated when power is turned ON and
OFF. Wait at least 0.1 s after turning ON the power to the Encoder
before using the connected device, and stop using the connected
device at least 0.1 s before turning OFF the power to the Encoder.
Also, turn ON the power to the load only after turning ON the power
to the Encoder.
Model/Output Circuits
Output mode
Connection
E6A2-CS3C
E6A2-CS5C
0 V
E6A2-C
@@3C: +5 to 12 V
(
E6A2-C
@@5C: +12 to 24V)
Vcc
E6A2
main
circuit
Brown
Blue
Black, white, orange
30 VDC
30 mA max.
(Black: phase A,
White: phase B,
Orange: phase Z)
Output
ON
OFF
T(100%)
1/2T
±1/4T (50%±25%)
Output transistor
The ONs in the above timing chart mean that the
output transistor is ON and the OFFs mean that the
output transistor is OFF.
Note: 1. The white and orange wires
of Single Models (E6A2-
CS
@@) do not output
signals (no connection).
2. The white and orange wires
of Single Models (E6A2-
CS
@@) do not output
signals (no connection).
3. Voltage Output Models are
capable of sinking a
maximum current of 20 mA.
Color
Signal
Brown
Vcc
Black
Phase A
White
Phase B
Orange
Phase Z
Blue
0 V (common)
E6A2-CW3C
E6A2-CW5C
E6A2-CWZ3C
E6A2-CWZ5C
0 V
E6A2-C
@@3C: +5 to 12 V
(
E6A2-C
@@5C: +12 to 24V)
Vcc
E6A2
main
circuit
Brown
Blue
Black, white, orange
30 VDC
30 mA max.
(Black: phase A,
White: phase B,
Orange: phase Z)
Output
Output transistor
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
T(360˚)
1/4
±1/8T (90˚±45˚)
1/4
±1/8T (90˚±45˚)
T(360˚)
Phase A
Phase B
Phase Z
Phase A
Phase B
Phase Z
CW
CCW
Direction of rotation: CW
(as viewed from end of shaft)
Direction of rotation: CCW
(as viewed from end of shaft)
Note: Phase A is 1/4 T
± 1/8 T
faster than phase B.
Note: Phase A is 1/4 T
± 1/8 T
slower than phase B.
The ONs in the above timing chart mean that the
output transistor is ON and the OFFs mean that the
output transistor is OFF.
E6A2-CW3E
E6A2-CWZ3E
0 V
2 k
Ω
Vcc (+5 to 12 V)
E6A2
main
circuit
Brown
Blue
20 mA
max.
Black, white, orange
Output (Black: phase A,
White: phase B,
Orange: phase Z)
Output transistor
Direction of rotation: CW
(as viewed from end of shaft)
Direction of rotation: CCW
(as viewed from end of shaft)
Note: Phase A is 1/4 T
± 1/8 T
faster than phase B.
Note: Phase A is 1/4 T
± 1/8 T
slower than phase B.
H
L
H
L
H
L
H
L
H
L
H
L
T(360˚)
1/4
±1/8T(90˚±45˚)
1/4
±1/8T(90˚±45˚)
T(360˚)
Phase A
Phase B
Phase Z
Phase A
Phase B
Phase Z
CW
CCW
“H” and “L” in the diagrams are the output voltage
levels of phases A, B, and Z.
E6A2-CS3E
0 V
2 k
Ω
Vcc (+5 to 12 V)
E6A2
main
circuit
Brown
Blue
20 mA
max.
Black, white, orange
Output (Black: phase A,
White: phase B,
Orange: phase Z)
“H” and “L” in the diagrams are the output voltage
levels.
H
L
T(100%)
1/2T
±1/4T (50%±25%)
Output transistor
WARNING
Precautions for Correct Use


Mô tả tương tự - E6A2-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
PHOENIX CONTACT
1422348 PHOENIX-1422348 Datasheet
76Kb / 3P
   Cable feed-through plates, no. of conductors: 25, length: 222 mm, width: 92 mm, height: 14 mm, external cable diameter: 4x 5 mm ... 7 mm , color: gray
logo
Meder Electronic
KSK-1A46-1015 MEDER-KSK-1A46-1015 Datasheet
140Kb / 1P
   Glass length of 12 mm and diameter of 2.0 mm
KSK-1A53-2025 MEDER-KSK-1A53-2025 Datasheet
140Kb / 1P
   Glass length of 20.5 mm and diameter of 2.8 mm
KSK-1A54-100105 MEDER-KSK-1A54-100105 Datasheet
137Kb / 1P
   Glass length of 53.4 mm and diameter of 5.4 mm
KSK-1A71-6-2030 MEDER-KSK-1A71-6-2030 Datasheet
120Kb / 1P
   Glass length of 16.5 mm and diameter of 2.8 mm
KSK-1A52-2025 MEDER-KSK-1A52-2025 Datasheet
139Kb / 1P
   Glass length of 21 mm and diameter of 2.75 mm
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
   Compact mechanical encoder with concentric shafts
logo
List of Unclassifed Man...
TSF73 ETC2-TSF73 Datasheet
563Kb / 1P
   Compact External Mount with Temperature Sensing
logo
Cynergy3 Co
RSF70 CYNERGY3-RSF70 Datasheet
453Kb / 1P
   compact external fitting with compression seal
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com