công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5441-Q1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TAS5441-Q1
Giải thích chi tiết về linh kiện  TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5441-Q1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TAS5441-Q1 Datasheet HTML 3Page - Texas Instruments TAS5441-Q1 Datasheet HTML 4Page - Texas Instruments TAS5441-Q1 Datasheet HTML 5Page - Texas Instruments TAS5441-Q1 Datasheet HTML 6Page - Texas Instruments TAS5441-Q1 Datasheet HTML 7Page - Texas Instruments TAS5441-Q1 Datasheet HTML 8Page - Texas Instruments TAS5441-Q1 Datasheet HTML 9Page - Texas Instruments TAS5441-Q1 Datasheet HTML 10Page - Texas Instruments TAS5441-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SCL
SDA
t
h(2)
t
(buf)
t
su(2)
t
su(3)
Start
Condition
Stop
Condition
T0028-02
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su(1)
t
h(1)
T0027-03
7
TAS5441-Q1
www.ti.com
SLOSE41 – APRIL 2020
Product Folder Links: TAS5441-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
6.6 Timing Requirements for I
2C Interface Signals
over recommended operating conditions (unless otherwise noted)
MIN
NOM
MAX
UNIT
f(SCL)
SCL clock frequency
400
kHz
tr
Rise time for both SDA and SCL signals
300
ns
tf
Fall time for both SDA and SCL signals
300
ns
tw(H)
SCL pulse duration, high
0.6
µs
tw(L)
SCL pulse duration, low
1.3
µs
tsu(2)
Setup time for START condition
0.6
µs
th(2)
START condition hold time before generation of first clock pulse
0.6
µs
tsu(1)
Data setup time
100
ns
th(1)
Data hold time
0(1)
ns
tsu(3)
Setup time for STOP condition
0.6
µs
C(B)
Load capacitance for each bus line
400
pF
Figure 1. SCL and SDA Timing
Figure 2. Timing for Start and Stop Conditions


Số phần tương tự - TAS5441-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TAS5404-Q1 TI1-TAS5404-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404-Q1 TI-TAS5404-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5404TPHDRQ1 TI1-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404TPHDRQ1 TI-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
More results

Mô tả tương tự - TAS5441-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TAS5421-Q1 TI-TAS5421-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5431-Q1 TI1-TAS5431-Q1 Datasheet
700Kb / 28P
[Old version datasheet]   TAS5431-Q1 8-W Mono Automotive Digital-audio Amplifier with Load Dump and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com