công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS125-Q1 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS125-Q1
Giải thích chi tiết về linh kiện  SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS125-Q1 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74HCS125-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 9Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 10Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 11Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 12Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 13Page - Texas Instruments SN74HCS125-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data
OE
A
Y
Output
System
Controller
10
SN74HCS125-Q1
SCLS752 – APRIL 2020
www.ti.com
Product Folder Links: SN74HCS125-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
In this application, a buffer with a 3-state output is used to disable a data signal as shown in Figure 9. The
remaining three buffers can be used for signal conditioning in other places in the system, or the inputs can be
grounded and the channels left unused.
9.2 Typical Application
Figure 9. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS125-Q1 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device
can only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not
to exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings,
is an additional limitation to prevent damage to the device. Do not violate any values
listed in the Absolute Maximum Ratings. These limits are provided to prevent damage
to the device.
9.2.1.2 Input Considerations
Input signals must cross Vt-(min) to be considered a logic LOW, and Vt+(max) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.


Số phần tương tự - SN74HCS125-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125-Q1 TI-SN74HCS125-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125-Q1 TI-SN74HCS125-Q1_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
More results

Mô tả tương tự - SN74HCS125-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS125-Q1 TI-SN74HCS125-Q1_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125-Q1 TI-SN74HCS125-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS125-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125_V02 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS125 TI-SN74HCS125_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI1-SN74HCS125 Datasheet
300Kb / 15P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126-Q1 TI1-SN74HCS126-Q1 Datasheet
459Kb / 19P
[Old version datasheet]   SN74HCS126-Q1 Automotive Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
[Old version datasheet]   SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS245-Q1 TI-SN74HCS245-Q1_V01 Datasheet
2Mb / 28P
[Old version datasheet]   SN74HCS245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs and Schmitt-Trigger Inputs
FEBRUARY 2022
SN74HCS245-Q1 TI-SN74HCS245-Q1 Datasheet
764Kb / 19P
[Old version datasheet]   SN74HCS245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS251-Q1 TI-SN74HCS251-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   SN74HCS251-Q1 Automotive 8-to-1 Multiplexer with 3-State Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com