công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA991 bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện OPA991
Giải thích chi tiết về linh kiện  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA991 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button OPA991_V01 Datasheet HTML 14Page - Texas Instruments OPA991_V01 Datasheet HTML 15Page - Texas Instruments OPA991_V01 Datasheet HTML 16Page - Texas Instruments OPA991_V01 Datasheet HTML 17Page - Texas Instruments OPA991_V01 Datasheet HTML 18Page - Texas Instruments OPA991_V01 Datasheet HTML 19Page - Texas Instruments OPA991_V01 Datasheet HTML 20Page - Texas Instruments OPA991_V01 Datasheet HTML 21Page - Texas Instruments OPA991_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
480
490
500
510
520
530
540
550
560
570
580
D021
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
450
475
500
525
550
575
600
625
650
675
700
D022
Frequency (Hz)
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
100
1k
10k
C012
RL = 10 k
RL = 2 k
RL = 604
RL = 128
Amplitude (Vrms)
0.001
0.01
0.1
1
10 20
20
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
C023
RL = 128
RL = 604
RL = 2 k
RL = 10 k
Time (1s/div)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
C019
Frequency (Hz)
1
10
100
200
1
10
100
1k
10k
100k
C017
18
OPA991, OPA2991, OPA4991
SBOS969B – OCTOBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: OPA991 OPA2991 OPA4991
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Figure 19. 0.1-Hz to 10-Hz Noise
Figure 20. Input Voltage Noise Spectral Density vs
Frequency
BW = 80 kHz, VOUT = 1 VRMS
Figure 21. THD+N Ratio vs Frequency
BW = 80 kHz, f = 1 kHz
Figure 22. THD+N vs Output Amplitude
VCM = V–
Figure 23. Quiescent Current vs Supply Voltage
Figure 24. Quiescent Current vs Temperature


Số phần tương tự - OPA991_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA991 TI1-OPA991_V02 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V04 Datasheet
5Mb / 73P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V06 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

Mô tả tương tự - OPA991_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V07 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MAY 2021
OPA991 TI1-OPA991_V02 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V04 Datasheet
5Mb / 73P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V06 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V08 Datasheet
5Mb / 78P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA2991-Q1 TI-OPA2991-Q1_V01 Datasheet
2Mb / 40P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com