công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA375 bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện OPA375
Giải thích chi tiết về linh kiện  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button OPA375_V02 Datasheet HTML 16Page - Texas Instruments OPA375_V02 Datasheet HTML 17Page - Texas Instruments OPA375_V02 Datasheet HTML 18Page - Texas Instruments OPA375_V02 Datasheet HTML 19Page - Texas Instruments OPA375_V02 Datasheet HTML 20Page - Texas Instruments OPA375_V02 Datasheet HTML 21Page - Texas Instruments OPA375_V02 Datasheet HTML 22Page - Texas Instruments OPA375_V02 Datasheet HTML 23Page - Texas Instruments OPA375_V02 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
10
100
1k
10k
100k
D012
Time (1 s/div)
D011
VCM (V)
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
-50
-40
-30
-20
-10
0
10
20
30
40
50
D009
IB-
IB+
IOS
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
200
240
280
320
D010
IB-
IB+
IOS
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-300
-240
-180
-120
-60
0
60
120
180
240
300
D008
Input Common Mode Voltage (V)
1.8
1.9
2
2.1
2.2
2.3
2.4
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
D007
20
OPA375, OPA2375
SBOS886B – NOVEMBER 2017 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Figure 45. Offset Voltage vs Common-Mode Voltage
(Transition Region)
Figure 46. Offset Voltage vs Power Supply
Figure 47. IB and IOS vs Common-Mode Voltage
Figure 48. IB and IOS vs Temperature
Figure 49. 0.1-Hz to 10-Hz Flicker Noise
Figure 50. Input Voltage Noise Spectral Density vs
Frequency


Số phần tương tự - OPA375_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results

Mô tả tương tự - OPA375_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
[Old version datasheet]   500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com