công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVK-NINA-B1 bảng dữ liệu(PDF) 8 Page - u-blox AG

tên linh kiện EVK-NINA-B1
Giải thích chi tiết về linh kiện  Evaluation kit for NINA-B1 modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  U-BLOX [u-blox AG]
Trang chủ  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-NINA-B1 bảng dữ liệu(HTML) 8 Page - u-blox AG

Back Button EVK-NINA-B1 Datasheet HTML 4Page - u-blox AG EVK-NINA-B1 Datasheet HTML 5Page - u-blox AG EVK-NINA-B1 Datasheet HTML 6Page - u-blox AG EVK-NINA-B1 Datasheet HTML 7Page - u-blox AG EVK-NINA-B1 Datasheet HTML 8Page - u-blox AG EVK-NINA-B1 Datasheet HTML 9Page - u-blox AG EVK-NINA-B1 Datasheet HTML 10Page - u-blox AG EVK-NINA-B1 Datasheet HTML 11Page - u-blox AG EVK-NINA-B1 Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
EVK-NINA-B1 - User guide
UBX-15028120 - R11
Product description
Page 8 of 21
Conn. NINA-B1
Pin No.
nRF52
pin
Arduino
pin
Description
Schematic
net name
Alternate functions and notes
5
-
5V
5 V regulated supply output
5V
Cannot be used as supply input, use
VIN instead. Only supplied by USB
VBUS.
6
GND
GND
Ground
GND
7
GND
GND
Ground
GND
8
-
VIN
External DC supply input, 5 – 12 VDC VIN
J2
1
P0.03
A0
Analog input
GPIO_25
Analog function capable GPIO
2
P0.02
A1
Analog input
GPIO_24
Analog function capable GPIO
3
P0.04
A2
Analog input
GPIO_27
Analog function capable GPIO
4
P0.30
A3
Analog input
SWITCH_2/
GPIO_18
Analog function capable GPIO,
SWITCH_2 on NINA-B1.
This signal is pulled low when the
button SW2 is pressed
5
P0.29
A4
Analog input
UART_DSR/
GPIO_17
Analog function capable GPIO,
UART_DSR signal on NINA-B1
6
P0.28
A5
Analog input
UART_DTR/
GPIO_16
Analog function capable GPIO,
UART_DTR signal on NINA-B1
J3
1
P0.05
D0/RX
Digital I/O, UART RX
UART_RXD/
GPIO_23
UART_RXD signal on NINA-B1
2
P0.06
D1/TX
Digital I/O, UART TX
UART_TXD/
GPIO_22
UART_TXD signal on NINA-B1
3
P0.07
D2
Digital I/O
UART_CTS/
GPIO_21
UART_CTS signal on NINA-B1
4
P0.31
D3
Digital I/O
UART_RTS/
GPIO_20
UART_RTS signal on NINA-B1
5
P0.18
D4
Digital I/O
GPIO_8
SWO signal on NINA-B1
6
-
D5
Digital I/O
GPIO_15
SWDIO
7
P0.09
D6
Digital I/O
GPIO_28
Configured for NFC use
8
P0.10
D7
Digital I/O
GPIO_29
Configured for NFC use
J4
1
-
D8
Digital I/O
GPIO_11
SWDCLK
2
P0.08
D9
Digital I/O
GPIO_1
3
P0.11
D10
Digital I/O
GPIO_2
4
P0.13
D11
Digital I/O
GPIO_4
5
P0.12
D12
Digital I/O
GPIO_3
6
P0.14
D13
Digital I/O
GPIO_5
7
GND
Ground
GND
8
-
AREF
Analog reference voltage level
-
Not connected
9
P0.02
SDA
I2C data signal
GPIO_24
10
P0.03
SCL
I2C clock signal
GPIO_25
Table 4: Pin number mapping of NINA-B1 Module and nRF52
The EVK-NINA-B1 has an I/O voltage range of 1.7-3.6 V. It can therefore be used only with
shields that support an I/O voltage within this range.
The EVK-NINA-B1 has a pinout that is compatible with some Arduino or Arduino inspired shields. This
section describes the features of the EVK pins that a shield has to comply with:
 IOREF: The I/O voltage level of the NINA-B1 module. Is 3.3 V by default, but the EVK can be modified
to allow for other voltages (1.7-3.6 V).
 RESET: Is connected to the RESET button (SW0).


Số phần tương tự - EVK-NINA-B1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
u-blox AG
EVK-N300 U-BLOX-EVK-N300 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
EVK-N310 U-BLOX-EVK-N310 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
EVK-NORA-B106 U-BLOX-EVK-NORA-B106 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
More results

Mô tả tương tự - EVK-NINA-B1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
u-blox AG
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
   EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
   EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
   EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA60DK
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
   EVALUATION KIT FOR SA51
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
   EVALUATION KIT FOR SA50
EK55 APEX-EK55 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA62DK
EK22 APEX-EK22 Datasheet
526Kb / 5P
   EVALUATION KIT FOR PA94/PA95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com