công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FR6007 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430FR6007
Giải thích chi tiết về linh kiện  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  MSP430FR6007 Datasheet HTML 1Page - Texas Instruments MSP430FR6007 Datasheet HTML 2Page - Texas Instruments MSP430FR6007 Datasheet HTML 3Page - Texas Instruments MSP430FR6007 Datasheet HTML 4Page - Texas Instruments MSP430FR6007 Datasheet HTML 5Page - Texas Instruments MSP430FR6007 Datasheet HTML 6Page - Texas Instruments MSP430FR6007 Datasheet HTML 7Page - Texas Instruments MSP430FR6007 Datasheet HTML 8Page - Texas Instruments MSP430FR6007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 179 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MSP430FR6007, MSP430FR6005
SLASEV3 – MARCH 2020
MSP430FR600x Ultrasonic Sensing MSP430™ Microcontrollers
for Water
‑‑Metering Applications
1
Device Overview
1
1.1
Features
1
(1)
The RTC is clocked by a 3.7-pF crystal.
• Best-in-class ultrasonic water-flow measurement
with ultra-low power consumption
– <100-ps differential time-of-flight (dTOF)
accuracy
– High-precision time measurement resolution of
20 ps
– Ability to detect low flow rates (4 to 6 liters per
hour)
– Approximately 3.8-µA overall current
consumption with one measurement per second
• Compliant to and exceeds ISO 4064, OIML R49,
and EN 1434 accuracy standards
• Ability to directly interface standard ultrasonic
sensors (up to 2.5 MHz)
• Integrated analog front end – ultrasonic sensing
solution (USS)
– Programmable pulse generation (PPG) to
generate pulses at different frequencies
– Integrated physical interface (PHY) with low-
impedance (4-Ω) output driver to control input
and output channels
– High-performance high-speed 12-bit sigma-delta
ADC (SDHS) with output data rates up to
8 Msps
– Programmable gain amplifier (PGA) with
–6.5 dB to 30.8 dB
– High-performance phase-locked loop (PLL) with
output range of 68 MHz to 80 MHz
• Low-energy accelerator (LEA)
– Operation independent of CPU
– 4KB of RAM shared with CPU
– Efficient 256-point complex FFT:
Up to 40× faster than Arm® Cortex®-M0+ core
• Embedded microcontroller
– 16-bit RISC architecture up to 16
‑MHz clock
– Wide supply voltage range from 3.6 V down to
1.8 V (minimum supply voltage is restricted by
SVS levels, see the SVS Specifications)
• Optimized ultra-low-power modes
– Active mode: approximately 120 µA/MHz
– Standby mode with real-time clock (RTC)
(LPM3.5): 450 nA (1)
– Shutdown (LPM4.5): 30 nA
• Ferroelectric random access memory (FRAM)
– Up to 256KB of nonvolatile memory
– Ultra-low-power writes
– Fast write at 125 ns per word (64KB in 4 ms)
– Unified memory = program + data + storage in
one space
– 1015 write cycle endurance
– Radiation resistant and nonmagnetic
• Intelligent digital peripherals
– 32-bit hardware multiplier (MPY)
– 6-channel internal DMA
– RTC with calendar and alarm functions
– Six 16-bit timers with up to seven
capture/compare registers each
– 32-bit and 16-bit cyclic redundancy check (CRC)
• High-performance analog
– 16-channel analog comparator
– 12-bit SAR ADC featuring window comparator,
internal reference, and sample-and-hold, up to
16 external input channels
– Integrated LCD driver with contrast control for
up to 264 segments
• Multifunction input/output ports
– Accessible bit-, byte-, and word-wise (in pairs)
– Edge-selectable wake from LPM on all ports
– Programmable pullup and pulldown on all ports
• Code security and encryption
– 128- or 256-bit AES security encryption and
decryption coprocessor
– Random number seed for random number
generation algorithms
– IP encapsulation protects memory from external
access
– FRAM provides inherent security advantages
• Enhanced serial communication
– Up to four eUSCI_A serial communication ports
– UART with automatic baud-rate detection
– IrDA encode and decode
– Up to two eUSCI_B serial communication ports
– I2C with multiple-slave addressing
– Hardware UART or I2C bootloader (BSL)


Số phần tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

Mô tả tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com