công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FR6007 bảng dữ liệu(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430FR6007
Giải thích chi tiết về linh kiện  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 83Page - Texas Instruments MSP430FR6007 Datasheet HTML 84Page - Texas Instruments MSP430FR6007 Datasheet HTML 85Page - Texas Instruments MSP430FR6007 Datasheet HTML 86Page - Texas Instruments MSP430FR6007 Datasheet HTML 87Page - Texas Instruments MSP430FR6007 Datasheet HTML 88Page - Texas Instruments MSP430FR6007 Datasheet HTML 89Page - Texas Instruments MSP430FR6007 Datasheet HTML 90Page - Texas Instruments MSP430FR6007 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 179 page
background image
87
MSP430FR6007, MSP430FR6005
www.ti.com
SLASEV3 – MARCH 2020
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Detailed Description
Copyright © 2020, Texas Instruments Incorporated
6.13.11 TA2 and TA3
TA2 and TA3 are 16-bit timers and counters (Timer_A type) with two capture/compare registers each and
with internal connections only. Each timer can support multiple captures or compares, PWM outputs, and
interval timing (see Table 6-15 and Table 6-16). Each timer has extensive interrupt capabilities. Interrupts
may be generated from the counter on overflow conditions and from each capture/compare register.
Table 6-15. TA2 Signal Connections
DEVICE INPUT SIGNAL
MODULE INPUT NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
DEVICE OUTPUT SIGNAL
COUT (internal)
TACLK
Timer
N/A
ACLK (internal)
ACLK
SMCLK (internal)
SMCLK
Reserved
INCLK
TA3 CCR0 output
(internal)
CCI0A
CCR0
TA0
TA3 CCI0A input
ACLK (internal)
CCI0B
DVSS
GND
DVCC
VCC
Reserved
CCI1A
CCR1
TA1
ADC12 (internal)
ADC12SHSx = {5}
COUT (internal)
CCI1B
PPG Trigger (PPGTRIG)
SAPH.PGCTL.TRSEL= {2}
DVSS
GND
DVCC
VCC
Table 6-16. TA3 Signal Connections
DEVICE INPUT SIGNAL
MODULE INPUT NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
DEVICE OUTPUT
SIGNAL
COUT (internal)
TACLK
Timer
N/A
ACLK (internal)
ACLK
SMCLK (internal)
SMCLK
Reserved
INCLK
TA2 CCR0 output
(internal)
CCI0A
CCR0
TA0
TA2 CCI0A input
ACLK (internal)
CCI0B
DVSS
GND
DVCC
VCC
Reserved
CCI1A
CCR1
TA1
ADC12 (internal)
ADC12SHSx = {6}
COUT (internal)
CCI1B
DVSS
GND
DVCC
VCC


Số phần tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

Mô tả tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com