công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FR6007 bảng dữ liệu(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430FR6007
Giải thích chi tiết về linh kiện  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 16Page - Texas Instruments MSP430FR6007 Datasheet HTML 17Page - Texas Instruments MSP430FR6007 Datasheet HTML 18Page - Texas Instruments MSP430FR6007 Datasheet HTML 19Page - Texas Instruments MSP430FR6007 Datasheet HTML 20Page - Texas Instruments MSP430FR6007 Datasheet HTML 21Page - Texas Instruments MSP430FR6007 Datasheet HTML 22Page - Texas Instruments MSP430FR6007 Datasheet HTML 23Page - Texas Instruments MSP430FR6007 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 179 page
background image
20
MSP430FR6007, MSP430FR6005
SLASEV3 – MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Terminal Configuration and Functions
Copyright © 2020, Texas Instruments Incorporated
Table 4-2. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN
NO.
PIN TYPE(1)
DESCRIPTION
PZ
GPIO Port 7
P7.0
67
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.1
68
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.2
69
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.3
70
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.4
77
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.5
78
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.6
83
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P7.7
84
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
GPIO Port 8
P8.0
79
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.1
80
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.2
81
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.3
82
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.4
92
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.5
93
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.6
94
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P8.7
95
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
GPIO Port 9
P9.0
40
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P9.1
41
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P9.2
42
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
P9.3
43
I/O
General-purpose digital I/O with port interrupt and wakeup from LPMx.5
GPIO Port J
PJ.0
22
I/O
General-purpose digital I/O
PJ.1
23
I/O
General-purpose digital I/O
PJ.2
24
I/O
General-purpose digital I/O
PJ.3
25
I/O
General-purpose digital I/O
PJ.4
6
I/O
General-purpose digital I/O
PJ.5
7
I/O
General-purpose digital I/O
PJ.6
9
I/O
General-purpose digital I/O
PJ.7
10
I/O
General-purpose digital I/O
I2C
UCB0SCL
15
I/O
I2C clock for eUSCI_B0 I2C mode
UCB0SDA
14
I/O
I2C data for eUSCI_B0 I2C mode
UCB1SCL
94, 60
I/O
I2C clock for eUSCI_B1 I2C mode
UCB1SDA
93, 59
I/O
I2C data for eUSCI_B1 I2C mode


Số phần tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

Mô tả tương tự - MSP430FR6007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com