công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ET1200 bảng dữ liệu(PDF) 33 Page - Beckhoff Automation GmbH & Co. KG

tên linh kiện ET1200
Giải thích chi tiết về linh kiện  Slave Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Trang chủ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1200 bảng dữ liệu(HTML) 33 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1200 Datasheet HTML 29Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 30Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 31Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 32Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 33Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 34Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 35Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 36Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 37Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Pin Description
Slave Controller
– ET1200 Hardware Description
III-23
3.9
Power Supply
The ET1200 supports different power supply and I/O voltage options with 3.3V (or 5V I/O, not
recommended) and optionally single or dual power supply.
The VCCI/O supply voltage directly determines the I/O voltages for all inputs and outputs, i.e., with 3.3V
VCCI/O, the inputs are 3.3V I/O compliant and they are not 5V tolerant (VCCI/O has to be 5V if 5V tolerant
I/Os are required).
Two internal LDOs generate the I/O supply voltage VCC I/O (nom. 3.3V) and the core supply voltages
VCC Core/VCC PLL (nom. 2.5V) from the ET1200 power supply input VCC. VCC must be equal or greater
than VCC I/O, and VCC PLL is always equal to VCC Core. The internal LDOs cannot be switched off, they
stop operating if the external supply voltage is higher than the internal LDO output voltage, thus
external supply voltages have to be higher (at least 0.1V) than the internal LDO output voltages.
Using the internal LDOs increases power dissipation, and power consumption for 5V I/O voltage is
significantly higher than power consumption for 3.3V I/O. It is highly recommended to use 3.3V I/O
voltage and the internal LDO for VCC Core/VCC PLL.
For 3.3V I/O with external 3.3V power supply, both VCC and VCCI/O have to be connected to the
external 3.3V supply voltage, and for 5V I/O voltage, both VCC and VCCI/O have to be connected to the
external 5V supply voltage.
Voltage stabilization capacitors at all power pairs are necessary.
Table 29: Power supply options (all voltages nomal)
VCC
VCC I/O
VCC Core/VCC PLL
Input signals
Output signals
Comment
3.3V
External 3.3V
(= VCC)
Internal LDO
(2.5V)
3.3V only
3.3V only
Single power
supply, low power
dissipation
3.3V
External 3.3V
(= VCC)
External 2.5V
3.3V only
3.3V only
Dual power supply,
lowest power
dissipation
5V
Internal LDO
(3.3V)
Internal LDO
(2.5V)
3.3V only
3.3V only
Single power
supply, highest
power dissipation
5V
Internal LDO
(3.3V)
External 2.5V
3.3V only
3.3V only
Dual power supply
Not recommended:
5V
External 5V
(= VCC)
Internal LDO
(2.5V)
5V only
5V only
Single power
supply, high power
dissipation
5V
External 5V
(= VCC)
External 2.5V
5V only
5V only
Dual power supply,
high power
dissipation
Table 30: Power supply
Pin
Pin name
EP
GND
14
VCC
15
GND
6
VCC I/O
7
GNDI/O
41
VCC Core (2.5V)
42
GNDCore
24
VCC PLL (2.5V)
23
GNDPLL


Số phần tương tự - ET1200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
ET120-103 VISHAY-ET120-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-104 VISHAY-ET120-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-202 VISHAY-ET120-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-203 VISHAY-ET120-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-502 VISHAY-ET120-502 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Mô tả tương tự - ET1200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com