công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ET1100 bảng dữ liệu(PDF) 74 Page - Beckhoff Automation GmbH & Co. KG

tên linh kiện ET1100
Giải thích chi tiết về linh kiện  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Trang chủ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 bảng dữ liệu(HTML) 74 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 70Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 71Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 72Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 73Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 74Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 75Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 76Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 77Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 78Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
PDI Description
III-60
Slave Controller
– ET1100 Hardware Description
32
Output event
configuration
Output register
Digital I/O output
data register
0x0F00:0x0F03
Watchdog
&
&
≥ 1
32
32
32
EOF
DC Sync0
DC Sync1
D
Q
OE_CONF
Digital output pins
OE_EXT
Output event occured
since watchdog active
Figure 20: Digital Output Principle Schematic
NOTE: The Digital Outputs are not driven (high impedance) until the EEPROM is loaded. Depending on the
configuration, the Digital Outputs are also not driven if the Watchdog is expired or if the outputs are disabled. This
behavior has to be taken into account when using digital output signals.
6.2.5
Bidirectional mode
In bidirectional mode, all DATA signals are bidirectional (individual input/output configuration is
ignored). Input signals are connected to the ESC via series resistors, output signals are driven actively
by the ESC. Output signals are permanently available if they are latched with OUTVALID (Flip-Flop or
Latch).
EtherCAT
device
Digital Input
Digital Output
DATA
R
OUTVALID
C1
1D
Q
D-FF
Figure 21: Bidirectional mode: Input/Output connection (R=4.7 k
Ω recommended)
Input sample event and output update event can be configured as described in the Digital
Inputs/Digital Outputs chapter.
An output event is signaled by a pulse on OUTVALID even if the digital outputs remain unchanged.
Overlapping input and output events will lead to corrupt input data.


Số phần tương tự - ET1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Mô tả tương tự - ET1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com