công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ET1100 bảng dữ liệu(PDF) 36 Page - Beckhoff Automation GmbH & Co. KG

tên linh kiện ET1100
Giải thích chi tiết về linh kiện  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Trang chủ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 bảng dữ liệu(HTML) 36 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 32Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 33Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 34Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 35Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 36Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 37Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 38Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 39Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 40Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
Pin Description
III-22
Slave Controller
– ET1100 Hardware Description
3.6
Configuration Pins
The configuration pins are used to configure the ET1100 at power-on with pull-up or pull-down
resistors. At power-on the ET1100 uses these pins as inputs to latch the configuration2. After power-
on, the pins have their operation functionality which has been assigned to them, and therefore pin
direction changes if necessary. The power-on phase finishes before the nRESET pin is released. In
subsequent reset phases without power-on condition, the configuration pins still have their operation
functionality, i.e., the ET1100 configuration is not latched again and output drivers remain active.
The configuration value 0 is realized by a pull-down resistor, a pull-up resistor is used for a 1. Since
some configuration pins are also used as LED outputs, the polarity of the LED output depends on the
configuration value.
3.6.1
Example schematics for configuration input/LED output pins
VCC I/O
Pull-Up
Pull-Down
Pin
Pin
Figure 9: Dual purpose configuration input/LED output pins
2 Take care of proper configuration: External devices attached to dual-purpose configuration pins might interfere
sampling the intended configuration if they are e.g. not properly powered at the sample time (external device
keeps configuration pin low although a pull-up resistor is attached). In such cases the ET1100 power-on value
sampling time can be delayed by delaying power activation.


Số phần tương tự - ET1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Mô tả tương tự - ET1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com