công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EL6910 bảng dữ liệu(PDF) 20 Page - Beckhoff Automation GmbH & Co. KG

tên linh kiện EL6910
Giải thích chi tiết về linh kiện  TwinSAFE Logic Terminal
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Trang chủ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

EL6910 bảng dữ liệu(HTML) 20 Page - Beckhoff Automation GmbH & Co. KG

Back Button EL6910 Datasheet HTML 16Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 17Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 18Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 19Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 20Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 21Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 22Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 23Page - Beckhoff Automation GmbH & Co. KG EL6910 Datasheet HTML 24Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 144 page
background image
Operation
EL6910
20
Version: 1.8.0
4.2.3.3
Sample configuration for temperature measurement
Fig. 4: Sample configuration for temperature measurement
The sample configuration for the temperature measurement consists of an EK1100 EtherCAT coupler with
connected terminals that match the typical distribution of digital and analog signal types at a machine. On the
EL6910 a safety project is active, which reads safe inputs and enables all 4 safe outputs during the
measurement.
External heat sources / radiant heat / impaired convection
The maximum permissible ambient temperature of 55°C was checked with the above sample con-
figuration. Impaired convection, an unfavorable location near heat sources or an unfavorable config-
uration of the EtherCAT Terminals may result in overheating of the terminals.
The key parameter is always the maximum permitted internally measured temperature of 95°C,
above which the TwinSAFE terminals switch to safe state and report an error. The internal tempera-
ture can be read from the TwinSAFE components via CoE.


Số phần tương tự - EL6910

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
EL6915 INTERSIL-EL6915 Datasheet
96Kb / 2P
   Laser Diode Driver w/ Waveform Generator
EL6915CL INTERSIL-EL6915CL Datasheet
96Kb / 2P
   Laser Diode Driver w/ Waveform Generator
EL6915CL-T13 INTERSIL-EL6915CL-T13 Datasheet
96Kb / 2P
   Laser Diode Driver w/ Waveform Generator
EL6915CL-T7 INTERSIL-EL6915CL-T7 Datasheet
96Kb / 2P
   Laser Diode Driver w/ Waveform Generator
EL6915CLZ INTERSIL-EL6915CLZ Datasheet
96Kb / 2P
   Laser Diode Driver w/ Waveform Generator
More results

Mô tả tương tự - EL6910

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
NXP Semiconductors
75017356 NXP-75017356 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA_12 Datasheet
160Kb / 4P
   CMOS Logic
logo
International Rectifier
IRLR2905ZTRPBF IRF-IRLR2905ZTRPBF Datasheet
333Kb / 11P
   Logic Level
logo
Torex Semiconductor
XC74WL08AASR-12 TOREX-XC74WL08AASR-12 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL157ASR-12 TOREX-XC74WL157ASR-12 Datasheet
176Kb / 5P
   CMOS Logic
XC74WL34AASR-12 TOREX-XC74WL34AASR-12 Datasheet
153Kb / 4P
   CMOS Logic
XC74WL34AASR TOREX-XC74WL34AASR_15 Datasheet
153Kb / 4P
   CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com