công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FG4619 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện MSP430FG4619
Giải thích chi tiết về linh kiện  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4619 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button MSP430FG4619_V01 Datasheet HTML 7Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 8Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 9Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 10Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 11Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 12Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 13Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 14Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
11
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Terminal Configuration and Functions
Copyright © 2006–2020, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
PZ
ZCA,
ZQW
P5.5
56
K11
I/O
General-purpose digital I/O
R03
Input port of lowest analog LCD level (V5)
P5.6
57
J12
I/O
General-purpose digital I/O
LCDREF
External reference voltage input for regulated LCD voltage
R13
Input port of third most positive analog LCD level (V4 or V3)
P5.7
58
J11
I/O
General-purpose digital I/O
R23
Input port of second most positive analog LCD level (V2)
LCDCAP
59
H11
I
LCD capacitor connection
R33
Input/output port of most positive analog LCD level (V1)
DVCC2
60
H12
Digital supply voltage, positive terminal
DVSS2
61
G12
Digital supply voltage, negative terminal
P4.1
62
G11
I/O
General-purpose digital I/O
URXD1
Receive data in – USART1 in UART mode
P4.0
63
H9
I/O
General-purpose digital I/O
UTXD1
Transmit data out – USART1 in UART mode
P3.7
64
F12
I/O
General-purpose digital I/O
TB6
Timer_B7 CCR6. Capture: CCI6A/CCI6B input, compare: Out6 output
P3.6
65
F11
I/O
General-purpose digital I/O
TB5
Timer_B7 CCR5. Capture: CCI5A/CCI5B input, compare: Out5 output
P3.5
66
G9
I/O
General-purpose digital I/O
TB4
Timer_B7 CCR4. Capture: CCI4A/CCI4B input, compare: Out4 output
P3.4
67
E12
I/O
General-purpose digital I/O
TB3
Timer_B7 CCR3. Capture: CCI3A/CCI3B input, compare: Out3 output
P3.3
68
E11
I/O
General-purpose digital I/O
UCB0CLK
External clock input – USCI_B0 in UART or SPI mode,
Clock output – USCI_B0 in SPI mode
P3.2
69
F9
I/O
General-purpose digital I/O
UCB0SOMI
Slave out/master in of USCI_B0 in SPI mode
UCB0SCL
I2C clock – USCI_B0 in I2C mode
P3.1
70
D12
I/O
General-purpose digital I/O
UCB0SIMO
Slave in/master out of USCI_B0 in SPI mode
UCB0SDA
I2C data – USCI_B0 in I2C mode
P3.0
71
D11
I/O
General-purpose digital I/O
UCB0STE
Slave transmit enable – USCI_B0 in SPI mode
P2.7
72
E9
I/O
General-purpose digital I/O
ADC12CLK
Conversion clock for 12-bit ADC
DMAE0
DMA channel 0 external trigger
P2.6
73
C12
I/O
General-purpose digital I/O
CAOUT
Comparator_A output
P2.5
74
C11
I/O
General-purpose digital I/O
UCA0RXD
Receive data in – USCI_A0 in UART or IrDA mode
P2.4
75
B12
I/O
General-purpose digital I/O
UCA0TXD
Transmit data out – USCI_A0 in UART or IrDA mode
P2.3
76
A11
I/O
General-purpose digital I/O
TB2
Timer_B7 CCR2. Capture: CCI2A/CCI2B input, compare: Out2 output


Số phần tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI1-MSP430FG4619IPZ Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com