công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FG4619 bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện MSP430FG4619
Giải thích chi tiết về linh kiện  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4619 bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button MSP430FG4619_V01 Datasheet HTML 48Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 49Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 50Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 51Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 52Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 53Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 54Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 55Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
7
6
5
4
0
3
2
1
Address
01h
rw*0
BTIE
UTXIE1
URXIE1
rw*0
rw*0
UCA0TXIE
UCA0RXIE
rw*0
rw*0
UCB0TXIE
UCB0RXIE
rw*0
rw*0
7
6
5
4
0
OFIE
WDTIE
3
2
1
rw*0
rw*0
rw*0
Address
0h
ACCVIE
NMIIE
rw*0
52
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
SLAS508K – APRIL 2006 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Detailed Description
Copyright © 2006–2020, Texas Instruments Incorporated
6.5
Special Function Registers (SFRs)
The MSP430 SFRs are in the lowest address space and are organized as byte mode registers. SFRs
should be accessed with byte instructions.
Legend
rw
Bit can be read and written.
rw-0, rw-1
Bit can be read and written. It is Reset or Set by PUC.
rw-(0), rw-(1)
Bit can be read and written. It is Reset or Set by POR.
SFR bit is not present in device
6.5.1
Interrupt Enable 1 and 2
WDTIE
Watchdog timer interrupt enable. Inactive if watchdog mode is selected.
Active if watchdog timer is configured as a general-purpose timer.
OFIE
Oscillator fault-interrupt enable
NMIIE
Nonmaskable interrupt enable
ACCVIE
Flash access violation interrupt enable
UCA0RXIE USCI_A0 receive-interrupt enable
UCA0TXIE USCI_A0 transmit-interrupt enable
UCB0RXIE USCI_B0 receive-interrupt enable
UCB0TXIE USCI_B0 transmit-interrupt enable
URXIE1
USART1 UART and SPI receive-interrupt enable
UTXIE1
USART1 UART and SPI transmit-interrupt enable
BTIE
Basic timer interrupt enable


Số phần tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI1-MSP430FG4619IPZ Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com