công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FG4619 bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện MSP430FG4619
Giải thích chi tiết về linh kiện  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4619 bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button MSP430FG4619_V01 Datasheet HTML 25Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 26Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 27Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 28Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 29Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 30Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 31Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 32Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
29
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Specifications
Copyright © 2006–2020, Texas Instruments Incorporated
(1)
The parasitic capacitance from the package and board may be estimated to be 2 pF. The effective load capacitor for the crystal is
(CXIN × CXOUT) / (CXIN+ CXOUT). This is independent of XTS_FLL.
(2)
To improve EMI on the low-power LFXT1 oscillator, particularly in the LF mode (32 kHz), the following guidelines should be observed.
Keep the trace between the MCU and the crystal as short as possible.
Design a good ground plane around the oscillator pins.
Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
Use assembly materials and processes that avoid any parasitic load on the oscillator XIN and XOUT pins.
If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other documentation. This
signal is no longer required for the serial programming adapter.
(3)
TI recommends external capacitance for precision real-time clock applications; OSCCAPx = 0h.
(4)
Applies only when using an external logic-level clock source. XTS_FLL must be set. Not applicable when using a crystal or resonator.
5.20
Crystal Oscillator, LFXT1 Oscillator
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CXIN
Integrated input capacitance(3)
OSCCAPx = 0h, VCC = 2.2 V, 3 V
0
pF
OSCCAPx = 1h, VCC = 2.2 V, 3 V
10
OSCCAPx = 2h, VCC = 2.2 V, 3 V
14
OSCCAPx = 3h, VCC = 2.2 V, 3 V
18
CXOUT
Integrated output capacitance(3)
OSCCAPx = 0h, VCC = 2.2 V, 3 V
0
pF
OSCCAPx = 1h, VCC = 2.2 V, 3 V
10
OSCCAPx = 2h, VCC = 2.2 V, 3 V
14
OSCCAPx = 3h, VCC = 2.2 V, 3 V
18
VIL
Low-level input voltage at XIN
VCC = 2.2 V, 3 V
(4)
VSS
0.2 × VCC
V
VIH
High-level input voltage at XIN
VCC = 2.2 V, 3 V
(4)
0.8 × VCC
VCC
V
(1)
The oscillator needs capacitors at both terminals, with values specified by the crystal manufacturer.
(2)
Applies only when using an external logic-level clock source. Not applicable when using a crystal or resonator.
5.21
Crystal Oscillator, XT2 Oscillator
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
CXT2IN
Integrated input capacitance
VCC = 2.2 V, 3 V
2
pF
CXT2OUT
Integrated output capacitance
VCC = 2.2 V, 3 V
2
pF
VIL
Input levels at XT2IN
VSS
0.2 × VCC
V
VIH
VCC = 2.2 V, 3 V
(2)
0.8 × VCC
VCC
V
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
5.22
USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK, ACLK
External: UCLK
Duty cycle = 50% ±10%
fSYSTEM MHz
fBITCLK
BITCLK clock frequency
(equals baud rate in MBaud)
2.2 V, 3 V
1
MHz
tτ
UART receive deglitch time UART(1)
2.2 V
50
150
600
ns
3 V
50
100
600


Số phần tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI1-MSP430FG4619IPZ Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430FG4619_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com