công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FG479 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430FG479
Giải thích chi tiết về linh kiện  MSP430FG47x Mixed-Signal Microcontrollers
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG479 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button MSP430FG479 Datasheet HTML 6Page - Texas Instruments MSP430FG479 Datasheet HTML 7Page - Texas Instruments MSP430FG479 Datasheet HTML 8Page - Texas Instruments MSP430FG479 Datasheet HTML 9Page - Texas Instruments MSP430FG479 Datasheet HTML 10Page - Texas Instruments MSP430FG479 Datasheet HTML 11Page - Texas Instruments MSP430FG479 Datasheet HTML 12Page - Texas Instruments MSP430FG479 Datasheet HTML 13Page - Texas Instruments MSP430FG479 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
10
MSP430FG479, MSP430FG478, MSP430FG477
SLAS580E – OCTOBER 2008 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FG479 MSP430FG478 MSP430FG477
Terminal Configuration and Functions
Copyright © 2008–2020, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
PN
ZCA,
ZQW
P4.3/S8
15
J1
I/O
General-purpose digital I/O pin
LCD segment output 8
P4.4/S7
14
H2
I/O
General-purpose digital I/O pin
LCD segment output 7
P4.5/S6
13
H1
I/O
General-purpose digital I/O pin
LCD segment output 6
P4.6/S5
12
G2
I/O
General-purpose digital I/O pin
LCD segment output 5
P4.7/S4
11
G1
I/O
General-purpose digital I/O pin
LCD segment output 4
COM0
33
L8
O
Common output, COM0- 3 are used for LCD backplanes
P5.0/S20
27
L5
I/O
General-purpose digital I/O pin
LCD segment output 20
P5.1/S21
28
M5
I/O
General-purpose digital I/O pin
LCD segment output 21
P5.2/COM1
34
M8
I/O
General-purpose digital I/O pin
common output, COM0- 3 are used for LCD backplanes
P5.3/COM2
35
L9
I/O
General-purpose digital I/O pin
common output, COM0- 3 are used for LCD backplanes
P5.4/COM3
36
M9
I/O
General-purpose digital I/O pin
common output, COM0- 3 are used for LCD backplanes
LCDCAP/R33
37
J9
I/O
Capacitor connection for LCD charge pump
input port of most positive analog LCD level (V4)
P5.5/R23
38
M10
I/O
General-purpose digital I/O pin
input port of the second most positive analog LCD level (V3)
P5.6/LCDREF/ R13
39
L10
I/O
General-purpose digital I/O pin
External LCD reference voltage input
input port of the third most positive analog LCD level (V3 or V2)
P5.7/R03
40
M11
I/O
General-purpose digital I/O pin
input port of the fourth most positive analog LCD level (V1)
P6.0/A0+/OA0O
67
B8
I/O
General-purpose digital I/O pin
SD16 positive analog input A0
OA0, output
P6.1/A0- /OA0FB
66
B9
I/O
General-purpose digital I/O pin
SD16 positive negative input A0
OA0, analog input feedback
P6.2/OA0I1 (SW0A)
65
A9
I/O
General-purpose digital I/O pin
OA0, analog input I1
P6.3/A1+/OA1O
64
D9
I/O
General-purpose digital I/O pin
SD16 positive analog input A1
OA1, output
P6.4/A1- /OA1FB
63
A10
I/O
General-purpose digital I/O pin
SD16 positive negative input A1
OA1, analog input feedback
P6.5/OA0I2 (SW0B)
62
B10
I/O
General-purpose digital I/O pin
OA0, analog input I2


Số phần tương tự - MSP430FG479

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430FG479 TI1-MSP430FG479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FG479IPN TI-MSP430FG479IPN Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPN TI1-MSP430FG479IPN Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI-MSP430FG479IPNR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI1-MSP430FG479IPNR Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430FG479

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com