công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CL10B103KB8NNNC bảng dữ liệu(PDF) 18 Page - Samsung semiconductor

tên linh kiện CL10B103KB8NNNC
Giải thích chi tiết về linh kiện  Multi-layer Ceramic Capacitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B103KB8NNNC bảng dữ liệu(HTML) 18 Page - Samsung semiconductor

Back Button CL10B103KB8NNNC Datasheet HTML 14Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 15Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 16Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 17Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 18Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 19Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 20Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 21Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MLCC Pro
follow
high
[ Ex
3-3. Vibra
Pleas
Mana
Whe
and
3-4. Shock
Mecha
Do no
When
preven
3-5. Piezo
MLCC
consta
MLCC
oduct Ma
wing graph,
capacitance
xample of Su
ation
se check the
age MLCC n
n MLCC is u
consider spe
k
anical stress
ot use a drop
n piling up o
nt cracks or
o-electric P
may genera
ant MLCC (C
may cause
nual
whereas sur
MLCC.
urge applied
e types of vib
not to genera
used in a vib
ecial MLCC s
caused by a
pped MLCC
or handling p
any other d
henomeno
ate a noise d
Class Ⅱ) at A
a noise if M
rge with lots
to MLCC ]
bration and
ate resonanc
ration enviro
such as Soft-
a drop may
to avoid any
printed circu
damages to t
on
due to vibra
AC or Pulse c
MLCC is affec
s of electric c
shock, and
ce and avoid
onment, plea
-term, etc.
cause dama
y quality and
it boards, do
the MLCC.
tion at spec
circuits.
cted by any
charge quan
[ Example
the status o
d any kind o
ase make su
ages to a die
d reliability d
o not hit ML
ific frequenc
mechanical v
ntity can cau
of ESD appl
* Simulatio
f resonance.
of impact to
ure to contac
electric or a
deterioration
LCC with the
cy when usin
vibrations or
use damages
ied to MLCC
on for ESD 8
.
terminals.
ct us for the
crack in ML
n.
e corners of
ng the high
r shocks.
s to even
C ]
8kV
e situation
CC
a PCB to
dielectric
18


Số phần tương tự - CL10B103KB8NNNC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
CL10B103KB8NNN SAMSUNG-CL10B103KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B103KB8NNND SAMSUNG-CL10B103KB8NNND Datasheet
282Kb / 3P
   CAP, 10nF, 50V, 짹10%, X7R, 0603
More results

Mô tả tương tự - CL10B103KB8NNNC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com