công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F5507 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F5507
Giải thích chi tiết về linh kiện  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 3Page - Texas Instruments MSP430F5507 Datasheet HTML 4Page - Texas Instruments MSP430F5507 Datasheet HTML 5Page - Texas Instruments MSP430F5507 Datasheet HTML 6Page - Texas Instruments MSP430F5507 Datasheet HTML 7Page - Texas Instruments MSP430F5507 Datasheet HTML 8Page - Texas Instruments MSP430F5507 Datasheet HTML 9Page - Texas Instruments MSP430F5507 Datasheet HTML 10Page - Texas Instruments MSP430F5507 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
7
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
www.ti.com
SLAS645L – JULY 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Device Comparison
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section 8,
or see the TI website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/packaging.
(3)
The additional 2KB USB SRAM that is listed can be used as general-purpose SRAM when USB is not in use.
(4)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture/compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively.
(5)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture/compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively.
(6)
Two USCIs are available; however, pinned out functions are limited to what the user configures on port 4 with the port mapping
controller (see Section 6.9.2). It may not be possible to bring out all functions simultaneously.
3
Device Comparison
Table 3-1 summarizes the available family members.
Table 3-1. Device Comparison(1)(2)
DEVICE
PROGRAM
MEMORY
(KB)
SRAM
(KB)(3)
Timer_A(4)
Timer_B(5)
USCI
ADC10_A
(CH)
Comp_B
(CH)
I/Os
PACKAGE
CHANNEL A:
UART, LIN,
IrDA, SPI
CHANNEL B:
SPI, I2C
MSP430F5510
32
4 + 2
5, 3, 3
7
2
2
10 ext, 2 int
8
47
64 RGC,
80 ZXH,
80 ZQE
2(6)
2(6)
6 ext, 2 int
4
31
48 PT,
48 RGZ
MSP430F5509
24
4 + 2
5, 3, 3
7
2
2
10 ext, 2 int
8
47
64 RGC,
80 ZXH,
80 ZQE
2(6)
2(6)
6 ext, 2 int
4
31
48 PT,
48 RGZ,
MSP430F5508
16
4 + 2
5, 3, 3
7
2
2
10 ext, 2 int
8
47
64 RGC,
80 ZXH,
80 ZQE
2(6)
2(6)
6 ext, 2 int
4
31
48 PT,
48 RGZ,
MSP430F5507
32
4 + 2
5, 3, 3
7
1
1
6 ext, 2 int
31
48 RGZ
MSP430F5506
24
4 + 2
5, 3, 3
7
1
1
6 ext, 2 int
31
48 RGZ
MSP430F5505
16
4 + 2
5, 3, 3
7
1
1
6 ext, 2 int
31
48 RGZ
MSP430F5504
8
4 + 2
5, 3, 3
7
1
1
6 ext, 2 int
31
48 PT,
48 RGZ
MSP430F5503
32
4 + 2
5, 3, 3
7
1
1
4
31
48 RGZ
MSP430F5502
24
4 + 2
5, 3, 3
7
1
1
4
31
48 RGZ
MSP430F5501
16
4 + 2
5, 3, 3
7
1
1
4
31
48 RGZ
MSP430F5500
8
4 + 2
5, 3, 3
7
1
1
4
31
48 RGZ


Số phần tương tự - MSP430F5507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Mô tả tương tự - MSP430F5507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com