công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F5507 bảng dữ liệu(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F5507
Giải thích chi tiết về linh kiện  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 56Page - Texas Instruments MSP430F5507 Datasheet HTML 57Page - Texas Instruments MSP430F5507 Datasheet HTML 58Page - Texas Instruments MSP430F5507 Datasheet HTML 59Page - Texas Instruments MSP430F5507 Datasheet HTML 60Page - Texas Instruments MSP430F5507 Datasheet HTML 61Page - Texas Instruments MSP430F5507 Datasheet HTML 62Page - Texas Instruments MSP430F5507 Datasheet HTML 63Page - Texas Instruments MSP430F5507 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 125 page
background image
60
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
SLAS645L – JULY 2009 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
Only on devices with ADC.
6.9.10 Universal Serial Communication Interface (USCI) (Links to User's Guide: UART
Mode, SPI Mode, I
2C Mode)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3- or 4-pin) and I2C, and asynchronous communication protocols
such as UART, enhanced UART with automatic baud-rate detection, and IrDA. Each USCI module
contains two portions, A and B.
The USCI_An module provides support for SPI (3- or 4-pin), UART, enhanced UART, or IrDA.
The USCI_Bn module provides support for SPI (3- or 4-pin) or I2C.
The MSP430F55xx series includes two complete USCI modules (n = 0, 1).
6.9.11 TA0 (Link to User's Guide)
TA0 is a 16-bit timer/counter (Timer_A type) with five capture/compare registers. TA0 can support multiple
capture/compares, PWM outputs, and interval timing (see Table 6-11). TA0 also has extensive interrupt
capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the
capture/compare registers.
Table 6-11. TA0 Signal Connections
INPUT PIN NUMBER
DEVICE
INPUT
SIGNAL
MODULE
INPUT
SIGNAL
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
DEVICE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
RGC, ZXH,
ZQE
RGZ, PT
RGC, ZXH, ZQE
RGZ, PT
18, H2-P1.0
14-P1.0
TA0CLK
TACLK
Timer
NA
NA
ACLK
(internal)
ACLK
SMCLK
(internal)
SMCLK
18, H2-P1.0
14-P1.0
TA0CLK
TACLK
19, H3-P1.1
15-P1.1
TA0.0
CCI0A
CCR0
TA0
TA0.0
19, H3-P1.1
15-P1.1
DVSS
CCI0B
DVSS
GND
DVCC
VCC
20, J3-P1.2
16-P1.2
TA0.1
CCI1A
CCR1
TA1
TA0.1
20, J3-P1.2
16-P1.2
CBOUT
(internal)
CCI1B
ADC10
(internal)(1)
ADC10SHSx =
{1}
ADC10
(internal)(1)
ADC10SHSx =
{1}
DVSS
GND
DVCC
VCC
21, G4-P1.3
17-P1.3
TA0.2
CCI2A
CCR2
TA2
TA0.2
21, G4-P1.3
17-P1.3
ACLK
(internal)
CCI2B
DVSS
GND
DVCC
VCC
22, H4-P1.4
18-P1.4
TA0.3
CCI3A
CCR3
TA3
TA0.3
22, H4-P1.4
18-P1.4
DVSS
CCI3B
DVSS
GND
DVCC
VCC
23, J4-P1.5
19-P1.5
TA0.4
CCI4A
CCR4
TA4
TA0.4
23, J4-P1.5
19-P1.5
DVSS
CCI4B
DVSS
GND
DVCC
VCC


Số phần tương tự - MSP430F5507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Mô tả tương tự - MSP430F5507

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com