công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2619 bảng dữ liệu(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2619
Giải thích chi tiết về linh kiện  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 bảng dữ liệu(HTML) 75 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 71Page - Texas Instruments MSP430F2619 Datasheet HTML 72Page - Texas Instruments MSP430F2619 Datasheet HTML 73Page - Texas Instruments MSP430F2619 Datasheet HTML 74Page - Texas Instruments MSP430F2619 Datasheet HTML 75Page - Texas Instruments MSP430F2619 Datasheet HTML 76Page - Texas Instruments MSP430F2619 Datasheet HTML 77Page - Texas Instruments MSP430F2619 Datasheet HTML 78Page - Texas Instruments MSP430F2619 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
75
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
www.ti.com
SLAS541L – JUNE 2007 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Detailed Description
Copyright © 2007–2020, Texas Instruments Incorporated
Table 6-14. Peripherals File Map (continued)
MODULE
REGISTER
ACRONYM
ADDRESS
USCI_A0,
USCI_B0
USCI_A0 auto baud rate control
UCA0ABCTL
0x005D
USCI_A0 transmit buffer
UCA0TXBUF
0x0067
USCI_A0 receive buffer
UCA0RXBUF
0x0066
USCI_A0 status
UCA0STAT
0x0065
USCI_A0 modulation control
UCA0MCTL
0x0064
USCI_A0 baud rate control 1
UCA0BR1
0x0063
USCI_A0 baud rate control 0
UCA0BR0
0x0062
USCI_A0 control 1
UCA0CTL1
0x0061
USCI_A0 control 0
UCA0CTL0
0x0060
USCI_A0 IrDA receive control
UCA0IRRCTL
0x005F
USCI_A0 IrDA transmit control
UCA0IRTCLT
0x005E
USCI_B0 transmit buffer
UCB0TXBUF
0x006F
USCI_B0 receive buffer
UCB0RXBUF
0x006E
USCI_B0 status
UCB0STAT
0x006D
USCI_B0 I2C Interrupt enable
UCB0CIE
0x006C
USCI_B0 baud rate control 1
UCB0BR1
0x006B
USCI_B0 baud rate control 0
UCB0BR0
0x006A
USCI_B0 control 1
UCB0CTL1
0x0069
USCI_B0 control 0
UCB0CTL0
0x0068
USCI_B0 I2C slave address
UCB0SA
0x011A
USCI_B0 I2C own address
UCB0OA
0x0118
USCI_A1,
USCI_B1
USCI_A1 auto baud rate control
UCA1ABCTL
0x00CD
USCI_A1 transmit buffer
UCA1TXBUF
0x00D7
USCI_A1 receive buffer
UCA1RXBUF
0x00D6
USCI_A1 status
UCA1STAT
0x00D5
USCI_A1 modulation control
UCA1MCTL
0x00D4
USCI_A1 baud rate control 1
UCA1BR1
0x00D3
USCI_A1 baud rate control 0
UCA1BR0
0x00D2
USCI_A1 control 1
UCA1CTL1
0x00D1
USCI_A1 control 0
UCA1CTL0
0x00D0
USCI_A1 IrDA receive control
UCA1IRRCTL
0x00CF
USCI_A1 IrDA transmit control
UCA1IRTCLT
0x00CE
USCI_B1 transmit buffer
UCB1TXBUF
0x00DF
USCI_B1 receive buffer
UCB1RXBUF
0x00DE
USCI_B1 status
UCB1STAT
0x00DD
USCI_B1 I2C Interrupt enable
UCB1CIE
0x00DC
USCI_B1 baud rate control 1
UCB1BR1
0x00DB
USCI_B1 baud rate control 0
UCB1BR0
0x00DA
USCI_B1 control 1
UCB1CTL1
0x00D9
USCI_B1 control 0
UCB1CTL0
0x00D8
USCI_B1 I2C slave address
UCB1SA
0x017E
USCI_B1 I2C own address
UCB1OA
0x017C
USCI_A1/B1 interrupt enable
UC1IE
0x0006
USCI_A1/B1 interrupt flag
UC1IFG
0x0007
Comparator_A+
Comparator_A port disable
CAPD
0x005B
Comparator_A control2
CACTL2
0x005A
Comparator_A control1
CACTL1
0x0059


Số phần tương tự - MSP430F2619

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Mô tả tương tự - MSP430F2619

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com