công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2619 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2619
Giải thích chi tiết về linh kiện  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  MSP430F2619 Datasheet HTML 1Page - Texas Instruments MSP430F2619 Datasheet HTML 2Page - Texas Instruments MSP430F2619 Datasheet HTML 3Page - Texas Instruments MSP430F2619 Datasheet HTML 4Page - Texas Instruments MSP430F2619 Datasheet HTML 5Page - Texas Instruments MSP430F2619 Datasheet HTML 6Page - Texas Instruments MSP430F2619 Datasheet HTML 7Page - Texas Instruments MSP430F2619 Datasheet HTML 8Page - Texas Instruments MSP430F2619 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
5
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
www.ti.com
SLAS541L – JUNE 2007 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Table of Contents
Copyright © 2007–2020, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Functional Block Diagrams
........................... 3
2
Revision History
......................................... 7
3
Device Comparison
..................................... 9
3.1
Related Products
..................................... 9
4
Terminal Configuration and Functions
............ 10
4.1
Pin Diagrams
........................................ 10
4.2
Signal Descriptions
.................................. 15
5
Specifications
........................................... 20
5.1
Absolute Maximum Ratings
......................... 20
5.2
ESD Ratings
........................................ 20
5.3
Recommended Operating Conditions
............... 20
5.4
Active Mode Supply Current Into VCC Excluding
External Current
..................................... 22
5.5
Typical Characteristics – Active Mode Supply
Current (Into VCC) ................................... 22
5.6
Low-Power Mode Supply Currents (Into VCC)
Excluding External Current
.......................... 23
5.7
Typical Characteristics – LPM4 Current
............ 24
5.8
Schmitt-Trigger Inputs (Ports P1 to P8, RST/NMI,
JTAG, XIN, and XT2IN)
............................. 25
5.9
Inputs (Ports P1 and P2)
............................ 25
5.10
Leakage Current (Ports P1 to P8)
.................. 25
5.11
Standard Inputs (RST/NMI)
......................... 25
5.12
Outputs (Ports P1 to P8)
............................ 26
5.13
Output Frequency (Ports P1 to P8)
................. 26
5.14
Typical Characteristics – Outputs
................... 27
5.15
POR and Brownout Reset (BOR)
................... 28
5.16
Typical Characteristics – POR and BOR
........... 29
5.17
Supply Voltage Supervisor (SVS), Supply Voltage
Monitor (SVM)
....................................... 30
5.18
Main DCO Characteristics
.......................... 32
5.19
DCO Frequency
..................................... 32
5.20
Calibrated DCO Frequencies – Tolerance at
Calibration
........................................... 33
5.21
Calibrated DCO Frequencies – Tolerance Over
Temperature 0°C to 85°C
........................... 33
5.22
Calibrated DCO Frequencies – Tolerance Over
Supply Voltage VCC ................................. 34
5.23
Calibrated DCO Frequencies – Overall Tolerance
.. 34
5.24
Typical Characteristics – Calibrated DCO
Frequency
........................................... 35
5.25
Wake-up Times From Lower-Power Modes (LPM3,
LPM4)
............................................... 36
5.26
Typical Characteristics – DCO Clock Wake-up Time
From LPM3 or LPM4
................................ 36
5.27
DCO With External Resistor ROSC .................. 37
5.28
Typical Characteristics – DCO With External
Resistor ROSC ....................................... 37
5.29
Crystal Oscillator LFXT1, Low-Frequency Mode
... 38
5.30
Internal Very-Low-Power Low-Frequency Oscillator
(VLO)
................................................ 38
5.31
Crystal Oscillator LFXT1, High-Frequency Mode
... 39
5.32
Typical Characteristics – LFXT1 Oscillator in HF
Mode (XTS = 1)
..................................... 40
5.33
Crystal Oscillator XT2
............................... 41
5.34
Typical Characteristics – XT2 Oscillator
............ 42
5.35
Timer_A
............................................. 43
5.36
Timer_B
............................................. 43
5.37
USCI (UART Mode)
................................. 43
5.38
USCI (SPI Master Mode)
............................ 43
5.39
USCI (SPI Slave Mode)
............................. 44
5.40
USCI (I2C Mode)
.................................... 46
5.41
Comparator_A+
..................................... 47
5.42
Typical Characteristics, Comparator_A+
............ 49
5.43
12-Bit ADC Power Supply and Input Range
Conditions
.......................................... 50
5.44
12-Bit ADC External Reference
..................... 50
5.45
12-Bit ADC Built-In Reference
...................... 51
5.46
12-Bit ADC Timing Parameters
..................... 53
5.47
12-Bit ADC Linearity Parameters
................... 53
5.48
12-Bit ADC Temperature Sensor and Built-In VMID . 54
5.49
12-Bit DAC Supply Specifications
................... 54
5.50
12-Bit DAC Linearity Specifications
................. 54
5.51
Typical Characteristics, 12-Bit DAC Linearity
Specifications
........................................ 56
5.52
12-Bit DAC Output Specifications
................... 56
5.53
12-Bit DAC Reference Input Specifications
......... 57
5.54
12-Bit DAC Dynamic Specifications
................. 57
5.55
Flash Memory
....................................... 59
5.56
RAM
................................................. 59
5.57
JTAG Interface
...................................... 59
5.58
JTAG Fuse
.......................................... 59
6
Detailed Description
................................... 60
6.1
CPU
................................................. 60
6.2
Instruction Set
....................................... 61
6.3
Operating Modes
.................................... 62
6.4
Interrupt Vector Addresses
.......................... 63
6.5
Special Function Registers (SFRs)
................. 64
6.6
Memory Organization
............................... 66
6.7
Bootloader (BSL)
.................................... 66
6.8
Flash Memory
....................................... 66
6.9
Peripherals
.......................................... 68
6.10
Port Diagrams
....................................... 78
7
Device and Documentation Support
............... 95
7.1
Getting Started
...................................... 95
7.2
Device Nomenclature
............................... 95
7.3
Tools and Software
................................. 97
7.4
Documentation Support
............................. 98
7.5
Related Links
...................................... 101
7.6
Community Resources
............................. 101
7.7
Trademarks
........................................ 101
7.8
Electrostatic Discharge Caution
................... 101
7.9
Export Control Notice
.............................. 101


Số phần tương tự - MSP430F2619

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Mô tả tương tự - MSP430F2619

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com