công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F479 bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F479
Giải thích chi tiết về linh kiện  MSP430F47x Mixed-Signal Microcontrollers
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F479 bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button MSP430F479 Datasheet HTML 51Page - Texas Instruments MSP430F479 Datasheet HTML 52Page - Texas Instruments MSP430F479 Datasheet HTML 53Page - Texas Instruments MSP430F479 Datasheet HTML 54Page - Texas Instruments MSP430F479 Datasheet HTML 55Page - Texas Instruments MSP430F479 Datasheet HTML 56Page - Texas Instruments MSP430F479 Datasheet HTML 57Page - Texas Instruments MSP430F479 Datasheet HTML 58Page - Texas Instruments MSP430F479 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
55
MSP430F479, MSP430F478, MSP430F477
www.ti.com
SLAS629B – MARCH 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F479 MSP430F478 MSP430F477
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
Table 6-8. Peripherals With Byte Access
MODULE
REGISTER NAME
ACRONYM
ADDRESS
SD16_A (also see
Table 6-7)
Channel 0 input control
Analog enable
SD16INCTL0
SD16AE
0B0h
0B7h
LCD_A
LCD Voltage Control 1
LCD Voltage Control 0
LCD Voltage Port Control 1
LCD Voltage Port Control 0
LCD memory 20
:
LCD memory 16
LCD memory 15
:
LCD memory 1
LCD control and mode
LCDAVCTL1
LCDAVCTL0
LCDAPCTL1
LCDAPCTL0
LCDM20
:
LCDM16
LCDM15
:
LCDM1
LCDCTL
0AFh
0AEh
0ADh
0ACh
0A4h
:
0A0h
09Fh
:
091h
090h
USCI_A0, USCI_B0
USCI A0 auto baud rate control
USCI A0 transmit buffer
USCI A0 receive buffer
USCI A0 status
USCI A0 modulation control
USCI A0 baud rate control 1
USCI A0 baud rate control 0
USCI A0 control 1
USCI A0 control 0
USCI A0 IrDA receive control
USCI A0 IrDA transmit control
UCA0ABCTL
UCA0TXBUF
UCA0RXBUF
UCA0STAT
UCA0MCTL
UCA0BR1
UCA0BR0
UCA0CTL1
UCA0CTL0
UCA0IRRCTL
UCA0IRTCTL
0x005D
0x0067
0x0066
0x0065
0x0064
0x0063
0x0062
0x0061
0x0060
0x005F
0x005E
USCI B0 transmit buffer
USCI B0 receive buffer
USCI B0 status
USCI B0 I2C Interrupt enable
USCI B0 baud rate control 1
USCI B0 baud rate control 0
USCI B0 control 1
USCI B0 control 0
USCI B0 I2C slave address
USCI B0 I2C own address
UCB0TXBUF
UCB0RXBUF
UCB0STAT
UCB0CIE
UCB0BR1
UCB0BR0
UCB0CTL1
UCB0CTL0
UCB0SA
UCB0OA
0x006F
0x006E
0x006D
0x006C
0x006B
0x006A
0x0069
0x0068
0x011A
0x0118
Comparator_A
Comparator_A port disable
Comparator_A control 2
Comparator_A control 1
CAPD
CACTL2
CACTL1
05Bh
05Ah
059h
Brownout, SVS
SVS control register (reset by brownout signal)
SVSCTL
056h
FLL+ Clock
FLL+ Control 1
FLL+ Control 0
System clock frequency control
System clock frequency integrator
System clock frequency integrator
FLL_CTL1
FLL_CTL0
SCFQCTL
SCFI1
SCFI0
054h
053h
052h
051h
050h
RTC
(Basic Timer 1)
Real Time Clock Year High Byte
Real Time Clock Year Low Byte
Real Time Clock Month
Real Time Clock Day of Month
Basic Timer1 Counter 2
Basic Timer1 Counter 1
Real Time Counter 4 (Real Time Clock Day of Week)
Real Time Counter 3 (Real Time Clock Hour)
Real Time Counter 2 (Real Time Clock Minute)
Real Time Counter 1 (Real Time Clock Second)
Real Time Clock Control
Basic Timer1 Control
RTCYEARH
RTCYEARL
RTCMON
RTCDAY
BTCNT2
BTCNT1
RTCNT4 (RTCDOW)
RTCNT3 (RTCHOUR)
RTCNT2 (RTCMIN)
RTCNT1 (RTCSEC)
RTCCTL
BTCTL
04Fh
04Eh
04Dh
04Ch
047h
046h
045h
044h
043h
042h
041h
040h
Port P6
Port P6 selection
Port P6 direction
Port P6 output
Port P6 input
P6SEL
P6DIR
P6OUT
P6IN
037h
036h
035h
034h
Port P5
Port P5 selection
Port P5 direction
Port P5 output
Port P5 input
P5SEL
P5DIR
P5OUT
P5IN
033h
032h
031h
030h


Số phần tương tự - MSP430F479

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F479 TI1-MSP430F479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793 TI1-MSP430F4793 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
937Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430F479

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com