công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5181-Q1 bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5181-Q1
Giải thích chi tiết về linh kiện  LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181-Q1 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM5181-Q1 Datasheet HTML 9Page - Texas Instruments LM5181-Q1 Datasheet HTML 10Page - Texas Instruments LM5181-Q1 Datasheet HTML 11Page - Texas Instruments LM5181-Q1 Datasheet HTML 12Page - Texas Instruments LM5181-Q1 Datasheet HTML 13Page - Texas Instruments LM5181-Q1 Datasheet HTML 14Page - Texas Instruments LM5181-Q1 Datasheet HTML 15Page - Texas Instruments LM5181-Q1 Datasheet HTML 16Page - Texas Instruments LM5181-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
˜
ª
º
ª
º
¬
¼
¬
¼
SS
SS
C
nF
5 t
ms
§
·
˜
¨
¸
©
¹
UV1
IN(off)
UV-FALLING
UV-HYST
UV1
UV2
R
V
V
1
I
R
R
§
·
¨
¸
©
¹
UV1
IN(on)
UV-RISING
UV2
R
V
V
1
R
13
LM5181-Q1
www.ti.com
SNVSBN6 – APRIL 2020
Product Folder Links: LM5181-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
where
VUV-RISING and VUV-FALLING are the UVLO comparator thresholds
IUV-HYST is the hysteresis current
(10)
where
VUV-RISING and VUV-FALLING are the UVLO comparator thresholds
IUV-HYST is the hysteresis current
(11)
The LM5181-Q1 also provides a low-IQ shutdown mode when the EN/UVLO voltage is pulled below a base-
emitter voltage drop (approximately 0.6 V at room temperature). If the EN/UVLO voltage is below this hard
shutdown threshold, the internal LDO regulator powers off, and the internal bias-supply rail collapses, shutting
down the bias currents of the LM5181-Q1. The LM5181-Q1 operates in standby mode when the EN/UVLO
voltage is between the hard shutdown and precision-enable thresholds.
8.3.6 Configurable Soft Start
The LM5181-Q1 has a flexible and easy-to-use soft-start control pin, SS/BIAS. The soft-start feature prevents
inrush current impacting the LM5181-Q1 and the input supply when power is first applied. This is achieved by
controlling the voltage at the output of the internal error amplifier. Soft start is achieved by slowly ramping up the
target regulation voltage when the device is first enabled or powered up. Selectable and adjustable start-up
timing options include a 6-ms internally-fixed soft start and an externally-programmable soft start.
The simplest way to use the LM5181-Q1 is to leave SS/BIAS open. The LM5181-Q1 employs an internal soft-
start control ramp and starts up to the regulated output voltage in 6 ms.
However, in applications with a large amount of output capacitance, higher VOUT or other special requirements,
the soft-start time can be extended by connecting an external capacitor CSS from SS/BIAS to GND. A longer soft-
start time further reduces the supply current needed to charge the output capacitors while sourcing the required
load current. When the EN/UVLO voltage exceeds the UVLO rising threshold and a delay of 20 µs expires, an
internal current source ISS of 5 µA charges CSS and generates a ramp to control the primary current amplitude.
Calculate the soft-start capacitance for a desired soft-start time, tSS, using Equation 12.
(12)
CSS is discharged by an internal FET when switching is disabled by EN/UVLO or thermal shutdown.


Số phần tương tự - LM5181-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results

Mô tả tương tự - LM5181-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com