công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5181-Q1 bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5181-Q1
Giải thích chi tiết về linh kiện  LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181-Q1 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LM5181-Q1 Datasheet HTML 12Page - Texas Instruments LM5181-Q1 Datasheet HTML 13Page - Texas Instruments LM5181-Q1 Datasheet HTML 14Page - Texas Instruments LM5181-Q1 Datasheet HTML 15Page - Texas Instruments LM5181-Q1 Datasheet HTML 16Page - Texas Instruments LM5181-Q1 Datasheet HTML 17Page - Texas Instruments LM5181-Q1 Datasheet HTML 18Page - Texas Instruments LM5181-Q1 Datasheet HTML 19Page - Texas Instruments LM5181-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
I
OUT = 0.5 A
SW
FB
VIN
EN/UVLO
TC
GND
SS/BIAS
RSET
LM5181
C
OUT
C
IN
47
F
2.2
F
T
1
V
IN = 10 V...65 V
3 : 1
D
FLY
R
SET
12.1 k:
R
FB
158 k:
D
CLAMP
D
F
R
TC
130 k:
R
UV1
536 k:
R
UV2
100 k:
D
OUT
5.6 V
44 PH
V
OUT = 5 V
24 V
C
SS
47 nF
16
LM5181-Q1
SNVSBN6 – APRIL 2020
www.ti.com
Product Folder Links: LM5181-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM5181-Q1 requires only a few external components to convert from a wide range of supply voltages to one
or more isolated output rails. To expedite and streamline the process of designing of a LM5181-Q1-based
converter, a comprehensive LM5181-Q1 quick-start calculator is available for download to assist the designer
with component selection for a given application. WEBENCH® online software is also available to generate
complete designs, leveraging iterative design procedures and access to comprehensive component databases.
The following sections discuss the design procedure for both single- and dual-output implementations using
specific circuit design examples.
As mentioned previously, the LM5181-Q1 also integrates several optional features to meet system design
requirements, including precision enable, input UVLO, programmable soft start, output voltage thermal
compensation, and external bias supply connection. Each application incorporates these features as needed for
a more comprehensive design.
The application circuits detailed in the Typical Applications show LM5181-Q1 configuration options suitable for
several application use cases.
9.2 Typical Applications
For step-by-step design procedures, circuit schematics, bill of materials, PCB files, simulation and test results of LM5181-powered
implementations, refer to the TI reference designs library.
9.2.1 Design 1: Wide VIN, Low IQ PSR Flyback Converter Rated at 5 V, 0.5 A
The schematic diagram of a 5-V, 0.5-A PSR flyback converter is given in Figure 21.
Figure 21. Schematic for Design 1 With VIN(nom) = 24 V, VOUT = 5 V, IOUT = 0.5 A


Số phần tương tự - LM5181-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results

Mô tả tương tự - LM5181-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com