công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX374 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LCX374
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX374 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LCX374 Datasheet HTML 1Page - ON Semiconductor MC74LCX374 Datasheet HTML 2Page - ON Semiconductor MC74LCX374 Datasheet HTML 3Page - ON Semiconductor MC74LCX374 Datasheet HTML 4Page - ON Semiconductor MC74LCX374 Datasheet HTML 5Page - ON Semiconductor MC74LCX374 Datasheet HTML 6Page - ON Semiconductor MC74LCX374 Datasheet HTML 7Page - ON Semiconductor MC74LCX374 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 3
© Motorola, Inc. 1996
11/96
Low-Voltage CMOS
Octal D-Type Flip-Flop
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX374 is a high performance, non–inverting octal D–type
flip–flop operating from a 2.7 to 3.6V supply. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX374 inputs to be
safely driven from 5V devices.
The MC74LCX374 consists of 8 edge–triggered flip–flops with
individual D–type inputs and 3–state true outputs. The buffered clock and
buffered Output Enable (OE) are common to all flip–flops. The eight
flip–flops will store the state of individual D inputs that meet the setup and
hold time requirements on the LOW–to–HIGH Clock (CP) transition. With
the OE LOW, the contents of the eight flip–flops are available at the
outputs. When the OE is HIGH, the outputs go to the high impedance
state. The OE input level does not affect the operation of the flip–flops.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 20–Lead (Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
CP
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
DW SUFFIX
PLASTIC SOIC
CASE 751D–04
DT SUFFIX
PLASTIC TSSOP
CASE 948E–02
20
1
20
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 967–01
20
1
SD SUFFIX
PLASTIC SSOP
CASE 940C–03
20
1
PIN NAMES
Function
Output Enable Input
Clock Pulse Input
Data Inputs
3–State Outputs
Pins
OE
CP
D0–D7
O0–O7
MC74LCX374
LOW–VOLTAGE CMOS
OCTAL D–TYPE FLIP–FLOP


Số phần tương tự - MC74LCX374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
MC74LCX374DR2G ONSEMI-MC74LCX374DR2G Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
logo
Motorola, Inc
MC74LCX374DT MOTOROLA-MC74LCX374DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results

Mô tả tương tự - MC74LCX374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com