công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX32M bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC74LCX32M
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX32M bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC74LCX32M Datasheet HTML 1Page - ON Semiconductor MC74LCX32M Datasheet HTML 2Page - ON Semiconductor MC74LCX32M Datasheet HTML 3Page - ON Semiconductor MC74LCX32M Datasheet HTML 4Page - ON Semiconductor MC74LCX32M Datasheet HTML 5Page - ON Semiconductor MC74LCX32M Datasheet HTML 6Page - ON Semiconductor MC74LCX32M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74LCX32
MOTOROLA
LCX DATA
BR1339 — REV 3
2
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Note 1.
V
IIK
DC Input Diode Current
–50
VI < GND
mA
IOK
DC Output Diode Current
–50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
0
VCC
V
IOH
HIGH Level Output Current, VCC = 3.0V – 3.6V
–24
mA
IOL
LOW Level Output Current, VCC = 3.0V – 3.6V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7V – 3.0V
–12
mA
IOL
LOW Level Output Current, VCC = 2.7V – 3.0V
12
mA
TA
Operating Free–Air Temperature
–40
+85
°C
∆t/∆V
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V,
VCC = 3.0V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL= 12mA
0.4
VCC = 3.0V; IOL = 16mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
2. These values of VI are used to test DC electrical characteristics only.


Số phần tương tự - MC74LCX32M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX32M MOTOROLA-MC74LCX32M Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74LCX32MEL ONSEMI-MC74LCX32MEL Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX32MELG ONSEMI-MC74LCX32MELG Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results

Mô tả tương tự - MC74LCX32M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVC32A STMICROELECTRONICS-74LVC32A Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
July 2004 Rev. 4
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32_08 Datasheet
305Kb / 8P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com