công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT374ADTR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74HCT374ADTR2
Giải thích chi tiết về linh kiện  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT374ADTR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74HCT374ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HCT374ADTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HCT374A
http://onsemi.com
4
∆ICC
Additional Quiescent Supply
Current
Vin = 2.4 V, Any One Input
Vin = VCC or GND, Other Inputs
≥ –55_C
25
_C to 125_C
Current
Vin = VCC or GND, Other In uts
lout = 0 µA
5.5
2.9
2.4
mA
NOTE: 1. Total Supply Current = ICC + Σ∆ICC.
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High–Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 1 and 4)
31
39
47
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 2 and 5)
30
38
45
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Q
(Figures 2 and 5)
30
38
45
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance
(Output in High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Flip–Flop)*
65
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
12
15
18
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
12
15
18
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
500
500
500
ns


Số phần tương tự - MC74HCT374ADTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT374ADTR2 ONSEMI-MC74HCT374ADTR2 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT374ADTR2G ONSEMI-MC74HCT374ADTR2G Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT374ADTR2G ONSEMI-MC74HCT374ADTR2G Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
MC74HCT374ADTR2G ONSEMI-MC74HCT374ADTR2G Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
More results

Mô tả tương tự - MC74HCT374ADTR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com