công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA06H0SK1 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện TDA06H0SK1
Giải thích chi tiết về linh kiện  Ultra-miniature Surface Mount Half-pitch DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

TDA06H0SK1 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  TDA06H0SK1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions are shown inch (mm)
Dimensions subject to change
www.ittcannon.com
H-3
H
C&K TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
How To Order
Complete part numbers for TDA Series are shown below. All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: SPST – 2, 4, 6, 8 & 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 milliohms max.
INSULATION RESISTANCE: 100 megohms @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Features/Benefits
Bifurcated contact for
increased electrical reliability
Tin-lead plated terminals for
reliable solder coverage
Process sealed for surface
mount soldering and washable
processing
TAPE SEAL
.016
(0,4)
.086
(2,2)
.090
(2,3)
.022
(0,57)
.042
(1,06)
.320
(8,12)
.006
(0,15)
.244
(6,2)
MARKING LABEL
EMBOSSED
CARRIER
PIN#1
OFFSET FROM PILOT HOLE
.079 REF
(2,0)
DIM 'W'
SEE CHART
.472
(12,0)
.236
(6,0)
78
6
5
4
3
2
1
ON
TDA08
C&K
.032
(0,8)
CHAMFER
.047
(1,2)
.050
(1,27)
DIM 'A'
.018
(0,45)
.030
(0,76)
.050
(1,27)
.300
(7,62)
.250
(6,35)
.350
(8,89)
PACKAGING: Switches supplied in rigid dispensing tubes in full
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model. Tape and reel packaging
also available.
Materials
CASE & COVER: glass filled PPA (UL94V-0).
ACTUATOR: LCP (UL94V-0).
CONTACTS: Copper alloy, with gold plate over nickel plate.
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyamide.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
QUANTITY
PART NUMBER
NO. POS.
DIM. ‘A’
PER TUBE
TDA02H0SK1
2
.144 (3,67)
125
TDA04H0SK1
4
.244 (6,21)
70
TDA06H0SK1
6
.344 (8,75)
50
TDA08H0SK1
8
.444 (11,29)
40
TDA10H0SK1
10
.544 (13,83)
30
Schematic
SPST
Tube Package
Tape & Reel Package
TDA08H0SK1
QUANTITY
PART NUMBER
NO. POS.
DIM. ‘W’
PER REEL
TDA02H0SK1R
2
.630 (16,0)
2000
TDA04H0SK1R
4
.630 (16,0)
2000
TDA06H0SK1R
6
.630 (16,0)
2000
TDA08H0SK1R
8
.945 (24,0)
2000
TDA10H0SK1R
10
.945 (24,0)
2000
Typical Applications
Hand-held electronic devices
Portable computer and
electronic devices
Instrumentation and controls
Third Angle
Projection


Số phần tương tự - TDA06H0SK1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
TDA06H0SK1 ITT-TDA06H0SK1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA06H0SK1R ITT-TDA06H0SK1R Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
More results

Mô tả tương tự - TDA06H0SK1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Grayhill, Inc
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
   Half Pitch DIP Switches
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
   DIP SWITCHES - HALF PITCH
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
   Half Pitch DIP Switches
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com