công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23711 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL23711
Giải thích chi tiết về linh kiện  Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23711 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL23711 Datasheet HTML 1Page - Intersil Corporation ISL23711 Datasheet HTML 2Page - Intersil Corporation ISL23711 Datasheet HTML 3Page - Intersil Corporation ISL23711 Datasheet HTML 4Page - Intersil Corporation ISL23711 Datasheet HTML 5Page - Intersil Corporation ISL23711 Datasheet HTML 6Page - Intersil Corporation ISL23711 Datasheet HTML 7Page - Intersil Corporation ISL23711 Datasheet HTML 8Page - Intersil Corporation ISL23711 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN6127.0
August 16, 2005
Absolute Maximum Ratings
Thermal Information
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on SDA, SCL, A0, and A1
with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3 to VCC+0.3V
Voltage on V- (referenced to GND) . . . . . . . . . . . . . . . . . . . . . . . -6V
∆V = |V(RH)-V(RL)| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Lead Temperature (soldering 10s) . . . . . . . . . . . . . . . . . . . . . . 300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
RH, RL, RW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- to VCC
ESD Rating (MIL-STD-883, Method 3015.7 . . . . . . . . . . . . . . .>2kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.7V to -5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
U option
50
k
RH to RL Resistance Tolerance
-20
+20
%
VRH,VRL
RH, RL Terminal Voltage
V-
VCC
V
RW
Wiper Resistance
V- = -5.5V; VCC = +5.5V
Wiper current = (VCC -V-)/RTOTAL
70
200
CH/CL/CW
Potentiometer Capacitance (Note 13)
10/10/25
pF
ILkgDCP
Leakage on RH, RL, RW pins
Voltage at pins; V- to VCC
-1
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RL; VCC @ RH; Voltage at RW = VRW unloaded)
INL
(Note 6)
Integral Non-linearity
-1
1
LSB
(Note 2)
DNL
(Note 5)
Differential Non-linearity
W, U options
-0.5
0.5
LSB
(Note 2)
ZSerror
(Note 3)
Zero-scale Error
W option
0
1
4
LSB
(Note 2)
U option
0
0.5
2
FSerror
(Note 4)
Full-scale Error
W option
-4
-1
0
LSB
(Note 2)
U option
-2
-0.5
0
TCV
(Notes 7, 13)
Ratiometric Temperature Coefficient
DCP register set from 16 to 120d, T = -40°C to
+85°C
±4
ppm/°C
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 11)
Integral Non-linearity
DCP register set between 20 hex and 7F hex.
Monotonic over all tap positions
-1
1
MI
(Note 8)
RDNL
(Note 10)
Differential Non-linearity
-0.5
0.5
MI
(Note 8)
Roffset
(Note 9)
Offset
DCP register set to 00 hex, W option
0
2
5
MI
(Note 8)
DCP register set to 00 hex, U option
0
0.5
2
MI
(Note 8)
TCR
(Notes 12, 13)
Resistance Temperature Coefficient
DCP register set from 16 to 127d, T = -40°C to
+85°C
±50
ppm/°C
ISL23711


Số phần tương tự - ISL23711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23711 INTERSIL-ISL23711 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
ISL23711UIU10Z RENESAS-ISL23711UIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
ISL23711WIU10Z RENESAS-ISL23711WIU10Z Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
More results

Mô tả tương tự - ISL23711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com