công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1209 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL1209
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1209 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL1209 Datasheet HTML 7Page - Intersil Corporation ISL1209 Datasheet HTML 8Page - Intersil Corporation ISL1209 Datasheet HTML 9Page - Intersil Corporation ISL1209 Datasheet HTML 10Page - Intersil Corporation ISL1209 Datasheet HTML 11Page - Intersil Corporation ISL1209 Datasheet HTML 12Page - Intersil Corporation ISL1209 Datasheet HTML 13Page - Intersil Corporation ISL1209 Datasheet HTML 14Page - Intersil Corporation ISL1209 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN6109.1
September 27, 2005
SRAM. The I2C serial interface is compatible with other
industry I2C serial bus protocols using a bidirectional data
signal (SDA) and a clock signal (SCL).
Oscillator Compensation
The ISL1209 provides the option of timing correction due to
temperature variation of the crystal oscillator for either
manufacturing calibration or active calibration. The total
possible compensation is typically -94ppm to +140ppm. Two
compensation mechanisms that are available are as follows:
1. An analog trimming (ATR) register that can be used to
adjust individual on-chip digital capacitors for oscillator
capacitance trimming. The individual digital capacitor is
selectable from a range of 9pF to 40.5pF (based upon
32.758kHz). This translates to a calculated
compensation of approximately -34ppm to +80ppm. (See
ATR description.)
2. A digital trimming register (DTR) that can be used to
adjust the timing counter by ±60ppm. (See DTR
description.)
Also provided is the ability to adjust the crystal capacitance
when the ISL1209 switches from VDD to battery backup
mode. (See Battery Mode ATR Selection for more details.)
Register Descriptions
The battery-backed registers are accessible following a
slave byte of “1101111x” and reads or writes to addresses
[00h:13h]. The defined addresses and default values are
described in the Table 1. Address 09h is not used. Reads or
writes to 09h will not affect operation of the device but should
be avoided.
REGISTER ACCESS
The contents of the registers can be modified by performing
a byte or a page write operation directly to any register
address.
The registers are divided into 4 sections. These are:
1. Real Time Clock (7 bytes): Address 00h to 06h.
2. Control and Status (5 bytes): Address 07h to 0Bh.
3. Alarm (6 bytes): Address 0Ch to 11h.
4. User SRAM (2 bytes): Address 12h to 13h.
There are no addresses above 13h.
Write capability is allowable into the RTC registers (00h to
06h) only when the WRTC bit (bit 4 of address 07h) is set to
“1”. A multi-byte read or write operation is limited to one
section per operation. Access to another section requires a
new operation. A read or write can begin at any address
within the section.
A register can be read by performing a random read at any
address at any time. This returns the contents of that register
location. Additional registers are read by performing a
sequential read. For the RTC and Alarm registers, the read
instruction latches all clock registers into a buffer, so an
update of the clock does not change the time being read. A
sequential read will not result in the output of data from the
memory array. At the end of a read, the master supplies a
stop condition to end the operation and free the bus. After a
read, the address remains at the previous address +1 so the
user can execute a current address read and continue
reading the next register.
It is not necessary to set the WRTC bit prior to writing into
the control and status, alarm, and user SRAM registers.
ISL1209


Số phần tương tự - ISL1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1209 INTERSIL-ISL1209 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209IU10 INTERSIL-ISL1209IU10 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Mô tả tương tự - ISL1209

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com