công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT86D bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74ACT86D
Giải thích chi tiết về linh kiện  QUAD 2-INPUT EXCLUSIVE-OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT86D bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74ACT86D Datasheet HTML 1Page - ON Semiconductor MC74ACT86D Datasheet HTML 2Page - ON Semiconductor MC74ACT86D Datasheet HTML 3Page - ON Semiconductor MC74ACT86D Datasheet HTML 4Page - ON Semiconductor MC74ACT86D Datasheet HTML 5Page - ON Semiconductor MC74ACT86D Datasheet HTML 6Page - ON Semiconductor MC74ACT86D Datasheet HTML 7Page - ON Semiconductor MC74ACT86D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74AC86, MC74ACT86
http://onsemi.com
3
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC
74AC
VCC*
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Fig.
Symbol
Parameter
VCC*
(V)
Min
Typ
Max
Min
Max
Unit
Fig.
No.
tPLH
Propagation Delay
3.3
2.0
6.0
11.5
1.5
12.5
ns
3−5
tPLH
o aga o
e ay
Inputs to Outputs
5.0
1.5
4.5
8.5
1.0
9.0
ns
3−5
tPHL
Propagation Delay
3.3
2.0
6.5
11.5
1.5
12.5
ns
3−5
tPHL
o aga o
e ay
Inputs to Outputs
5.0
1.5
4.5
8.5
1.0
9.5
ns
3−5
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
74ACT
74ACT
VCC
TA = +25°C
TA =
−40
°C to
+85
°C
Symbol
Parameter
VCC
(V)
Typ
Guaranteed Limits
Unit
Conditions
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
ug
e e
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC − 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
au
oe e
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC − 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
ug
e e
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
IOH
−24 mA
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
au
oe e
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
55
±01
±10
mA
VI =VCC GND
au
u
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
40
40
mA
VIN =VCC or GND
a
u
Qu esce
Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
VCC*
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Fig.
Symbol
Parameter
VCC*
(V)
Min
Typ
Max
Min
Max
Unit
Fig.
No.
tPLH
Propagation Delay
5.0
1.5
8.5
9.5
1.0
10.0
ns
3−5
tPHL
Propagation Delay
5.0
1.5
7.0
9.5
1.0
10.5
ns
3−5
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74ACT86D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74ACT86D MOTOROLA-MC74ACT86D Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74ACT86D ONSEMI-MC74ACT86D Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
MC74ACT86DG ONSEMI-MC74ACT86DG Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
MC74ACT86DG ONSEMI-MC74ACT86DG Datasheet
88Kb / 8P
   Quad 2-Input Exclusive-OR Gate
January, 2014 ??Rev. 9
MC74ACT86DR2 ONSEMI-MC74ACT86DR2 Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
More results

Mô tả tương tự - MC74ACT86D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com