công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5570 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD5570
Giải thích chi tiết về linh kiện  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5570 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD5570 Datasheet HTML 5Page - Analog Devices AD5570 Datasheet HTML 6Page - Analog Devices AD5570 Datasheet HTML 7Page - Analog Devices AD5570 Datasheet HTML 8Page - Analog Devices AD5570 Datasheet HTML 9Page - Analog Devices AD5570 Datasheet HTML 10Page - Analog Devices AD5570 Datasheet HTML 11Page - Analog Devices AD5570 Datasheet HTML 12Page - Analog Devices AD5570 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5570
Rev. 0 | Page 9 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VSS 1
VDD 2
CLR
3
LDAC
4
SYNC
5
SCLK
6
SDIN
7
SDO
8
REFGND
REFIN
REFGND
VOUT
AGNDS
16
15
14
13
12
AGND
PD
DGND
11
10
9
AD5570
TOP VIEW
(Not to Scale)
Figure 5. 16-Lead SSOP Pin Configuration (RS-16)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VSS
Negative Analog Supply Voltage. −12 V ± 5% to −15 V ± 10% for specified performance.
2
VDD
Positive Analog Supply Voltage. 12 V ± 5% to 15 V ± 10% for specified performance.
3
CLR
Level Sensitive, Active Low Input. A falling edge of CLR resets VOUT to AGND. The contents of the registers are
untouched.
4
LDAC
Active Low Control Input. Transfers the contents of the input register to the DAC register. LDAC may be tied
permanently low, enabling the outputs to be updated on the rising edge of SYNC.
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the data. When SYNC goes low, it powers
on the SCLK and SDIN buffers and enables the input shift register. Data is transferred in on the falling edges of
the following 16 clocks.
6
SCLK
Serial Clock Input. Data is clocked into the input register on the falling edge of the serial clock input. Data can
be transferred at rates of up to 8 MHz.
7
SDIN
Serial Data Input. This device has a 16-bit register. Data is clocked into the register on the falling edge of the
serial clock input.
8
SDO
Serial Data Output. Can be used for daisy chaining a number of devices together or for reading back the data in
the shift register for diagnostic purposes. This is an open-drain output; it should be pulled to logic high with an
external pull-up resistor of ~5 kΩ.
9
DGND
Digital Ground. Ground reference for all digital circuitry.
10
PD
Active Low Control Input. Allows the DAC to be put into a power-down state.
11
AGND
Analog Ground. Ground reference for all analog circuitry.
12
AGNDS
Analog Ground Sense. This is normally tied to AGND.
13
VOUT
Analog Output Voltage.
14
REFGND
This pin should be tied to 0 V.
15
REFIN
Voltage Reference Input. This is internally buffered before being applied to the DAC. For bipolar ±10 V output
range, REFIN is 5 V.
16
REFGND
This pin should be tied to 0 V.


Số phần tương tự - AD5570

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

Mô tả tương tự - AD5570

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com