công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HC03ADT bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC74HC03ADT
Giải thích chi tiết về linh kiện  Quad 2-Input NAND Gate with Open-Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC03ADT bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC74HC03ADT Datasheet HTML 1Page - ON Semiconductor MC74HC03ADT Datasheet HTML 2Page - ON Semiconductor MC74HC03ADT Datasheet HTML 3Page - ON Semiconductor MC74HC03ADT Datasheet HTML 4Page - ON Semiconductor MC74HC03ADT Datasheet HTML 5Page - ON Semiconductor MC74HC03ADT Datasheet HTML 6Page - ON Semiconductor MC74HC03ADT Datasheet HTML 7Page - ON Semiconductor MC74HC03ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HC03A
http://onsemi.com
5
PACKAGE DIMENSIONS
PDIP–14
N SUFFIX
CASE 646–06
ISSUE L
NOTES:
1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
17
14
8
B
A
F
HG
D
K
C
N
L
J
M
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.039
0.39
1.01
__
_
_
SOIC–14
D SUFFIX
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
_
_


Số phần tương tự - MC74HC03ADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HC03ADT ONSEMI-MC74HC03ADT Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
MC74HC03ADTR2 ONSEMI-MC74HC03ADTR2 Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03ADTR2 ONSEMI-MC74HC03ADTR2 Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
MC74HC03ADTR2G ONSEMI-MC74HC03ADTR2G Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03ADTR2G ONSEMI-MC74HC03ADTR2G Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
More results

Mô tả tương tự - MC74HC03ADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A_13 Datasheet
133Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
   Quad 2-Input NAND Gate with Open-Drain Outputs
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com