công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT646DW bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC74ACT646DW
Giải thích chi tiết về linh kiện  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT646DW bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC74ACT646DW Datasheet HTML 3Page - ON Semiconductor MC74ACT646DW Datasheet HTML 4Page - ON Semiconductor MC74ACT646DW Datasheet HTML 5Page - ON Semiconductor MC74ACT646DW Datasheet HTML 6Page - ON Semiconductor MC74ACT646DW Datasheet HTML 7Page - ON Semiconductor MC74ACT646DW Datasheet HTML 8Page - ON Semiconductor MC74ACT646DW Datasheet HTML 9Page - ON Semiconductor MC74ACT646DW Datasheet HTML 10Page - ON Semiconductor MC74ACT646DW Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC646, MC74ACT646
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
35
12 0
14 5
30
16 0
ns
3–6
tPLH
Pro agation Delay
Clock to Bus
5.0
3.5
12.0
14.5
3.0
16.0
ns
3–6
tPHL
Propagation Delay
50
40
12 0
14 5
35
16 0
ns
3–6
tPHL
Pro agation Delay
Clock to Bus
5.0
4.0
12.0
14.5
3.5
16.0
ns
3–6
tPLH
Propagation Delay
50
30
85
11 0
25
12 0
ns
3–5
tPLH
Pro agation Delay
Bus to Bus
5.0
3.0
8.5
11.0
2.5
12.0
ns
3–5
tPHL
Propagation Delay
50
25
85
11 0
20
12 0
ns
3–5
tPHL
Pro agation Delay
Bus to Bus
5.0
2.5
8.5
11.0
2.0
12.0
ns
3–5
tPLH
Propagation Delay
SBA or SAB to An or Bn
50
30
95
12 0
25
13 0
ns
3–6
tPLH
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
3.0
9.5
12.0
2.5
13.0
ns
3–6
tPHL
Propagation Delay
SBA or SAB to An or Bn
50
30
95
12 0
25
13 0
ns
3–6
tPHL
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
3.0
9.5
12.0
2.5
13.0
ns
3–6
tPZH
Enable Time
50
20
90
11 0
15
12 0
ns
3–7
tPZH
Enable Time
G to An or Bn
5.0
2.0
9.0
11.0
1.5
12.0
ns
3–7
tPZL
Enable Time
50
35
90
11 0
30
12 0
ns
3–8
tPZL
Enable Time
G to An or Bn
5.0
3.5
9.0
11.0
3.0
12.0
ns
3–8
tPHZ
Disable Time
50
50
10 5
13 0
45
14 5
ns
3–7
tPHZ
Disable Time
G to An or Bn
5.0
5.0
10.5
13.0
4.5
14.5
ns
3–7
tPLZ
Disable Time
50
35
10 0
12 5
30
14 0
ns
3–8
tPLZ
Disable Time
G to An or Bn
5.0
3.5
10.0
12.5
3.0
14.0
ns
3–8
tPZH
Enable Time
50
20
65
12 5
15
13 5
ns
3–7
tPZH
Enable Time
DIR to An or Bn
5.0
2.0
6.5
12.5
1.5
13.5
ns
3–7
tPZL
Enable Time
50
35
65
12 5
30
13 5
ns
3–8
tPZL
Enable Time
DIR to An or Bn
5.0
3.5
6.5
12.5
3.0
13.5
ns
3–8
tPHZ
Disable Time
50
50
85
12 5
45
13 5
ns
3–7
tPHZ
Disable Time
DIR to An or Bn
5.0
5.0
8.5
12.5
4.5
13.5
ns
3–7
tPLZ
Disable Time
50
35
85
12 5
30
13 5
ns
3–8
tPLZ
Disable Time
DIR to An or Bn
5.0
3.5
8.5
12.5
3.0
13.5
ns
3–8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74ACT646DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74ACT646DW MOTOROLA-MC74ACT646DW Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74ACT646DW ONSEMI-MC74ACT646DW Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74ACT646DW ONSEMI-MC74ACT646DW Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74ACT646DWG ONSEMI-MC74ACT646DWG Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74ACT646DWR2 ONSEMI-MC74ACT646DWR2 Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
More results

Mô tả tương tự - MC74ACT646DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com