công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDZ294N bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDZ294N
Giải thích chi tiết về linh kiện  N-Channel 2.5 V Specified PowerTrench BGA MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ294N bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDZ294N Datasheet HTML 1Page - Fairchild Semiconductor FDZ294N Datasheet HTML 2Page - Fairchild Semiconductor FDZ294N Datasheet HTML 3Page - Fairchild Semiconductor FDZ294N Datasheet HTML 4Page - Fairchild Semiconductor FDZ294N Datasheet HTML 5Page - Fairchild Semiconductor FDZ294N Datasheet HTML 6Page - Fairchild Semiconductor FDZ294N Datasheet HTML 7Page - Fairchild Semiconductor FDZ294N Datasheet HTML 8Page - Fairchild Semiconductor FDZ294N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2005
©2005 Fairchild Semiconductor Corporation
FDZ294N Rev. B3 (W)
FDZ294N
N-Channel 2.5 V Specified PowerTrench
® BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state of the art BGA
packaging, the FDZ294N minimizes both PCB space
and
RDS(ON).
This
BGA
MOSFET
embodies
a
breakthrough in packaging technology which enables
the device to combine excellent thermal transfer
characteristics, high current handling capability, ultra-
low profile packaging, low gate charge, and low RDS(ON).
Applications
• Battery management
• Battery protection
Features
• 6 A, 20 V
RDS(ON) = 23 mΩ @ VGS = 4.5 V
RDS(ON) = 34 mΩ @ VGS = 2.5 V
• Occupies only 2.25 mm2 of PCB area.
Less than 50% of the area of a SSOT-6
• Ultra-thin package: less than 0.85mm height when
mounted to PCB
• Outstanding thermal transfer characteristics:
4 times better than SSOT-6
• Ultra-low Q
g x RDS(ON) figure-of-merit
• High power and current handling capability.
GATE
Bottom
Top
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
6
A
– Pulsed
10
PD
Power Dissipation for Single Operation
(Note 1a)
1.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
72
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
E
FDZ294N
7”
8mm
3000 units
Index
slot


Số phần tương tự - FDZ294N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
More results

Mô tả tương tự - FDZ294N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDJ1028N FAIRCHILD-FDJ1028N Datasheet
539Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N_06 Datasheet
1Mb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ128N FAIRCHILD-FDJ128N Datasheet
174Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P_06 Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com