công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDD6680A bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
FDD6680A bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page June 2003 ©2003 Fairchild Semiconductor Corp. FDD6680A/FDU6680A Rev DW) FDD6680A/FDU6680A 30V N-Channel PowerTrench ® MOSFET General Description This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS( ON) , fast switching speed and extremely low RDS(ON) in a small package. Applications • DC/DC converter • Motor Drives Features • 56 A, 30 V RDS(ON) = 9.5 m Ω @ V GS = 10 V RDS(ON) = 13 m Ω @ V GS = 4.5 V • Low gate charge • Fast Switching • High performance trench technology for extremely low RDS(ON) G S D TO-252 D-PAK (TO-252) G D S I-PAK (TO-251AA) S G D Absolute Maximum Ratings TA=25 oC unless otherwise noted Symbol Parameter Ratings Units VDSS Drain-Source Voltage 30 V VGSS Gate-Source Voltage ±20 V ID Continuous Drain Current @TC=25°C (Note 3) 56 A @TA=25°C (Note 1a) 14 Pulsed (Note 1a) 100 Power Dissipation @TC=25°C (Note 3) 60 @TA=25°C (Note 1a) 2.8 PD @TA=25°C (Note 1b) 1.3 W TJ, TSTG Operating and Storage Junction Temperature Range –55 to +175 °C Thermal Characteristics RθJC Thermal Resistance, Junction-to-Case (Note 1) 2.5 °C/W RθJA Thermal Resistance, Junction-to-Ambient (Note 1a) 45 RθJA (Note 1b) 96 Package Marking and Ordering Information Device Marking Device Package Reel Size Tape width Quantity FDD6680A FDD6680A D-PAK (TO-252) 13’’ 12mm 2500 units FDU6680A FDU6680A I-PAK (TO-251) Tube N/A 75 |
Số phần tương tự - FDD6680A |
|
Mô tả tương tự - FDD6680A |