công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDD6680A bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor |
|
FDD6680A bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor |
4 / 6 page FDD6680A/FDU6680A Rev. D(W) Typical Characteristics 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 V DS, DRAIN-SOURCE VOLTAGE (V) 3.5V V GS=10V 4.0V 3.0V 4.5V 6.0V 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 10 20 30 40 50 60 ID, DRAIN CURRENT (A) VGS = 3.0V 4.0V 6.0V 4.5V 5.0V 10V Figure 1. On-Region Characteristics Figure 2. On-Resistance Variation with Drain Current and Gate Voltage 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 175 T J, JUNCTION TEMPERATURE ( oC) ID = 14A VGS = 10V 0.005 0.01 0.015 0.02 0.025 0.03 2 4 6 8 10 V GS, GATE TO SOURCE VOLTAGE (V) ID = 7A TA = 125 oC T A = 25 oC Figure 3. On-Resistance Variation withTemperature Figure 4. On-Resistance Variation with Gate-to-Source Voltage 0 10 20 30 40 50 60 1.5 2 2.5 3 3.5 4 VGS, GATE TO SOURCE VOLTAGE (V) T A =125 oC 25 oC VDS = 5V -55 oC 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V) T A = 125 oC 25 oC -55 oC V GS = 0V Figure 5. Transfer Characteristics Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature |
Số phần tương tự - FDD6680A |
|
Mô tả tương tự - FDD6680A |