công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMG3009NT1 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MMG3009NT1
Giải thích chi tiết về linh kiện  Heterojunction Bipolar Transistor (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3009NT1 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MMG3009NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3009NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MMG3009NT1
1
RF Device Data
Freescale Semiconductor, Inc.
MMG3009NT1
0--6000 MHz, 15 dB
18 dBm
InGaP HBT GPA
Heterojunction Bipolar Transistor
(InGaP HBT)
Broadband High Linearity Amplifier
The MMG3009NT1 is a general purpose amplifier that is internally
input and output matched. It is designed for a broad range of Class A,
small--signal, high linearity, general purpose applications. It is suitable
for applications with frequencies from 0 to 6000 MHz such as cellular,
PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general small--
signal RF.
Features
 Frequency: 0 to 6000 MHz
 P1dB: 18 dBm @ 900 MHz
 Small--Signal Gain: 15 dB @ 900 MHz
 Third Order Output Intercept Point: 34 dBm @ 900 MHz
 Single 5 V Supply
 Internally Matched to 50 Ohms
 Cost--effective SOT--89 Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
SOT--89
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small--Signal Gain
(S21)
Gp
15
14
12.5
dB
Input Return Loss
(S11)
IRL
--13
--26
--22
dB
Output Return Loss
(S22)
ORL
--17
--15
--24
dB
Power Output @1dB
Compression
P1dB
18
18
17.5
dBm
Third Order Output
Intercept Point
OIP3
34
32
31
dBm
1. VCC =5 Vdc, TA =25C, 50 ohm system.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
300
mA
RF Input Power
Pin
10
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
150
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 88C, 5 Vdc, 70 mA, no RF applied
RJC
81
C/W
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMG3009NT1
Rev. 7, 9/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2005--2008, 2012, 2014. All rights reserved.


Số phần tương tự - MMG3009NT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
More results

Mô tả tương tự - MMG3009NT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com