công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MMG3007NT1 Datasheet(PDF) 1 Page - NXP Semiconductors

tên linh kiện MMG3007NT1
Nội dung chi tiết  Heterojunction Bipolar Transistor (InGaP HBT)
tải về  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo 

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MMG3007NT1
1
RF Device Data
Freescale Semiconductor, Inc.
MMG3007NT1
0--6000 MHz, 19 dB
16 dBm
InGaP HBT GPA
Heterojunction Bipolar Transistor
(InGaP HBT)
Broadband High Linearity Amplifier
The MMG3007NT1 is a general purpose amplifier that is internally
input and output matched. It is designed for a broad range of Class A,
small--signal, high linearity, general purpose applications. It is suitable
for applications with frequencies from 0 to 6000 MHz such as cellular,
PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general small--
signal RF.
Features
 Frequency: 0 to 6000 MHz
 P1dB: 16 dBm @ 900 MHz
 Small--Signal Gain: 19 dB @ 900 MHz
 Third Order Output Intercept Point: 30 dBm @ 900 MHz
 Single 5 V Supply
 Internally Matched to 50 Ohms
 Cost--effective SOT--89 Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
SOT--89
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small--Signal Gain
(S21)
Gp
19
16.5
14
dB
Input Return Loss
(S11)
IRL
--14
--21
--21
dB
Output Return Loss
(S22)
ORL
--20
--17
--25
dB
Power Output @1dB
Compression
P1dB
16
15.5
16
dBm
Third Order Output
Intercept Point
OIP3
30
29
28.5
dBm
1. VCC =5 Vdc, TA =25C, 50 ohm system.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
250
mA
RF Input Power
Pin
10
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
175
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 86C, 5 Vdc, 47 mA, no RF applied
RJC
77
C/W
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMG3007NT1
Rev. 7, 9/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2005--2008, 2012, 2014. All rights reserved.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn