công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-02-E50JKH bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện SC-02-E50JKH
Giải thích chi tiết về linh kiện  KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-02-E50JKH bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  SC-02-E50JKH Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SC-02-E50JKH
(UALSC02E50JKH0)
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
Dimensions
D
24.5mm MAX
T
24.5mm MAX
H
17mm MAX
LL
3.5mm +/-1mm
S
11mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 320
Weight: 13.9 g
General Information
Series: SC_JKH
Style: Through-Hole
RoHS: Yes
Notes: Lead Spacing (S/S1) Are For
Reference Only.
Miscellaneous: Temperature Rise Maximum: 40
K
Specifications
Voltage AC: 250 VAC
Inductance: 5.4 mH
Current: 2.7 A
Temperature Range: -25/+120°C
DC Resistance: 55 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/18/2019 - f7877686-c8f9-4259-b158-06f792632105


Số phần tương tự - SC-02-E50JKH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
SC-02-E115J KEMET-SC-02-E115J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-02-E115J KEMET-SC-02-E115J Datasheet
92Kb / 1P
   KEMET, SC-J, AC Line Filters, Common Mode, 0.0115 H
SC-02-E120J KEMET-SC-02-E120J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-02-E120JKH KEMET-SC-02-E120JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-02-E30JKH KEMET-SC-02-E30JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 3000 uH
More results

Mô tả tương tự - SC-02-E50JKH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
SC-04-E60JKH KEMET-SC-04-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-05-E75JKH KEMET-SC-05-E75JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 8100 uH
SC-02-E30JKH KEMET-SC-02-E30JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 3000 uH
SC-02-E60JKH KEMET-SC-02-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-06-E42JKH KEMET-SC-06-E42JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 4200 uH
SC-06-E70JKH KEMET-SC-06-E70JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 7000 uH
SC-04-E120JKH KEMET-SC-04-E120JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-05-E100JKH KEMET-SC-05-E100JKH Datasheet
98Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.01 H
SC-02-E120JKH KEMET-SC-02-E120JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
   KEMET, SC, AC Line Filters, Common Mode, 3400 uH
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com