công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33567D-2 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC33567D-2
Giải thích chi tiết về linh kiện  Dual Linear Controller for High Current Voltage Regulation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33567D-2 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC33567D-2 Datasheet HTML 1Page - ON Semiconductor MC33567D-2 Datasheet HTML 2Page - ON Semiconductor MC33567D-2 Datasheet HTML 3Page - ON Semiconductor MC33567D-2 Datasheet HTML 4Page - ON Semiconductor MC33567D-2 Datasheet HTML 5Page - ON Semiconductor MC33567D-2 Datasheet HTML 6Page - ON Semiconductor MC33567D-2 Datasheet HTML 7Page - ON Semiconductor MC33567D-2 Datasheet HTML 8Page - ON Semiconductor MC33567D-2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33567
http://onsemi.com
5
Sense:
If the load is located away from the regulator, the voltage
drop on the connecting cable or trace can become
significant. The MC33567 provides tight voltage load
regulation with varying load currents using it’s SENSE
feature. As shown in Figure 5, the MC33567 senses the
voltage at the load and provides feedback to the regulator.
The regulator voltage is then adjusted to compensate for the
load changes. It is recommended that the SENSE connection
be placed as close as possible to the load. Also, use a separate
trace to connect the source of the N−channel MOSFET to the
load to avoid interference or coupling with the SENSE
signal. The use of the SENSE feature is required for correct
device operation. If the SENSE pin is not connected to the
load, the output will go into Hiccup mode.
The current into the SENSE pin is given by the following
equation:
ISENSE + 100 mA )
Vout
1.8 k
W
Figure 5. Voltage Regulation Using Sense Feature
SENSE
Vin
RL
DRV
Feedback
to
Regulator
1.8 k
W VOUT
+
100
mAISENSE
N−Channel MOSFET Selection:
The
MC33567
was
characterized
using
ON Semiconductor’s MTD3055VL N−channel MOSFET.
Other MOSFETs can be used with the MC33567 as long as
power and stability requirements are met.
Power:
A MOSFET with a low drain−source on resistance
(RDS(on)) will insure the output voltage is not drastically
reduced due to excessive voltage drop across the MOSFET.
The required RDS(on) can be calculated using the equation
below:
RDS(on) v 0.5
Vin * Vout
ILOAD
where:
Vin
= Input Voltage, typically 3.3 V
Vout = Regulator Output Voltage
(1.2 V, 1.515 V, 1.818 V, 2.3 V, or 2.525 V)
ILOAD= Load Current
A safety margin of 0.5 was added to account for RDS(on)
variations over the operating temperature range.
Stability:
After evaluating the regulator, driver and load system
using control theory it is demonstrated that the output
capacitor, external driver gain and error amplifier gain
bandwidth play an important role on the system stability. To
insure system stability the following set of design guidelines
should be followed:
Ci + Cgs ) Cgd
wf +
1
Ci ·Ro
wp + 1
w1 )
1
wf
*1
1
20 · 1
)
wa
(3 ·
wp)
· 1
gm v
Rs v
(3 ·
wp)
wa
· 1
gm
Co ·Rs w 5·
1
wa )
1
wp
where:
wf = Driver pole frequency
Ci = Input and reverse transfer capacitance when device
is off
Ro = Regulator output resistance (50 W for the MC33567)
wp = Secondary pole for open loop
wa = Error amplifier gain bandwidth
w1 = Error amp second pole (set w1 = wa, if not specified)
Rs = Output capacitor ESR
gm = Maximum driver transconductance gain
Co = Output capacitance
T
= Overall loop response time


Số phần tương tự - MC33567D-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33567 ONSEMI-MC33567 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Mô tả tương tự - MC33567D-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Shenzhen Huazhimei Semi...
HM7152 HMSEMI-HM7152 Datasheet
758Kb / 8P
   Single channel high voltage linear constant current controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com