công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33567D-1R2G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33567D-1R2G
Giải thích chi tiết về linh kiện  Dual Linear Controller for High Current Voltage Regulation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33567D-1R2G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33567D-1R2G Datasheet HTML 1Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 2Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 3Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 4Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 5Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 6Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 7Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 8Page - ON Semiconductor MC33567D-1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33567
http://onsemi.com
2
PIN ASSIGNMENTS AND FUNCTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
DRV1
Gate 1 drive. Is internally clamped to ground in power down mode.
2
SENSE1
Sense 1 line. Sense load voltage and provides feedback to regulator.
3
SHDN1
TTL high level turns on regulation for gate 1. (Internal pull−up to 3.3 V)
4
GND
5
SHDN2
TTL high level turns on regulation for gate 2. (Internal pull−up to 3.3 V)
6
SENSE2
Sense 2 line. Sense load voltage and provides feedback to regulator.
7
DRV2
Gate 2 drive. Saturates external FET in bypass mode (MC33567−1 only).
Is internally clamped to ground in power down mode.
8
VCC
Supply voltage for operation and gate drive output − typically 12 V.
MAXIMUM RATINGS (Notes 1, 2 and 3)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
12.5
Vdc
SHUTDOWN Voltage
V SHDN
VCC
Vdc
Operating Ambient Temperature
TA
0 to 80
°C
Operating Junction Temperature
TJ
−5.0 to 125
°C
Lead Temperature (Soldering, 10 seconds)
TL
300
°C
Storage Temperature Range
Tstg
−55 to 150
°C
Package Thermal Resistance, Junction to Ambient
R
θJA (Note 2)
159
°C/W
Thermal Resistance, Junction to Case
R
θJC
28
°C/W
1. ESD Ratings
ESD Machine Model protection up to 200 V, class B.
ESD Human Body Model protection up to 2000 V, class 2.
2. Minimum pad test board with 5 MIL wide and 2.8 MIL thick copper traces1 inch long.
3. All characterizing done with MTD3055VL N−Channel MOSFETs.


Số phần tương tự - MC33567D-1R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33567 ONSEMI-MC33567 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Mô tả tương tự - MC33567D-1R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
   Multiphase PWM Controller for CORE Voltage Regulation
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Shenzhen Huazhimei Semi...
HM7152 HMSEMI-HM7152 Datasheet
758Kb / 8P
   Single channel high voltage linear constant current controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com