công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7402KST-110 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
ADV7402KST-110 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 4 page 3 Analog Devices offers a diverse range of products to complete the advanced TV signal chain, including multiformat video decoders (ADV7402), dual interface graphics and HDMI/DVI receiver products (AD9880†), video encoders (ADV7310), and video DACs (ADV7123). Standard definition video decoders, including the ADV7183A, ADV7189, and ADV7181*, are also available for multichannel configurations and other video recording and processing applications. The AD1991 Class D Audio Power Amplifier Output Stage also enables state-of-the-art, compact electronic component design for home theater systems and flat-panel displays. ADV7402 MULTIFORMAT VIDEO DECODER COMPOSITE RECORD OUTPUT DIGITAL SD/HD/GRAPHICS ADV7310 MULTIFORMAT VIDEO ENCODER DIGITAL SD/HD COMPOSITE RGB YPbPr COMPOSITE S-VIDEO S-VIDEO OUTPUT DIGITAL SD/HD/ GRAPHICS IF RF ADV7123 10-BIT 330MHz TRIPLE VIDEO DAC COMPONENT OUTPUT HDMI/DVI SPEAKERS SIF CLASS-D AMP L/R AUDIO HEADPHONE OUTPUT STEREO OUTPUT STEREO AUDIO SIF INPUT STEREO AUDIO INPUTS 2-CHANNEL I2S COMPOSITE S-VIDEO DTV AUDIO CODEC PROCESSOR 24-BIT RGB HDMI/DVI Rx SUPERVISORY INTERFACE POWER MANAGEMENT SENSORS SPDIF Tx 8-CHANNEL I2S TS MULTICHANNEL AUDIO (8-CHANNEL) TUNER VSB/DVB/ISDB/ QAM DEMODULATION DIGITAL PROCESSING MULTISTREAM SD/HD MPEG DECODE SRAM GRAPHICS SCALER CPU CORE AUDIO ROUTING 3D COMB DISPLAY ADV7402 INTEGRATED MULTIFORMAT SDTV/HDTV VIDEO DECODER AND RGB GRAPHICS DIGITIZER 12-BIT NOISE SHAPED VIDEO ADCs YPrPb-Pr YPrPb-Y YPrPb-Pb YC2-Y YC2-C CVBS1 RGB-G RGB-B RGB-R RGB-V RGB-H YC1-Y YC1-C CVBS2 † Send email to flatpanel_apps@analog.com for more detailed information. *Send email to video_products@analog.com for more detailed information. The ADV7402 and ADV7400 multiformat video decoders simplify front end digitizer and decoder architectures by reducing board space, simplifying auto detection and switching of inputs, and reducing overall system power consumption. For TV configurations, the ADV7402/ADV7400 can process and switch between the following signal types without the need for external multiplexer circuitry: • RGB graphics outputs from a PC graphics card • YPbPr outputs from a progressive scan DVD player or high definition set-top-box • Composite video from a TV tuner or VCR • S-Video from a camcorder or S-VHS VCR Ideally suited to applications that require support for all these inputs, the ADV7402/ADV7400 can interface directly to many graphics controllers, scalers, de-interlacers, MPEG encoders, and image enhancement processors with bus widths as low as 10 bits (+clock) for all scanning rates and sampling schemes. |
Số phần tương tự - ADV7402KST-110 |
|
Mô tả tương tự - ADV7402KST-110 |