công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-A6251 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện STR-A6251
Giải thích chi tiết về linh kiện  Universal-Input/15 W 50 kHz Flyback Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-A6251 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  STR-A6251 Datasheet HTML 1Page - Allegro MicroSystems STR-A6251 Datasheet HTML 2Page - Allegro MicroSystems STR-A6251 Datasheet HTML 3Page - Allegro MicroSystems STR-A6251 Datasheet HTML 4Page - Allegro MicroSystems STR-A6251 Datasheet HTML 5Page - Allegro MicroSystems STR-A6251 Datasheet HTML 6Page - Allegro MicroSystems STR-A6251 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Universal-Input/15 W 50 kHz
Flyback Switching Regulators
STR-A6251 AND
STR-A6252
Sanken Power Devices
from Allegro MicroSystems
Switching
Regulators
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Control Supply Voltage, VCC . . . . 36 V
Drain-Source Voltage, VDSS . . . . . . 650 V
Drain Switching Current, ID
STR-A6251 . . . . . . . . . . . . . . 2.5 A*
STR-A6252 . . . . . . . . . . . . . . 3.0 A*
Peak Drain Switching Current, IDM
STR-A6251 . . . . . . . . . . . . . . . 2.5 A
STR-A6252 . . . . . . . . . . . . . . . 3.0 A
Single-Pulse Avalanche Energy, EAS
STR-A6251 . . . . . . . . . . . . . . 72 mJ
STR-A6252 . . . . . . . . . . . . . 123 mJ
S/OCP Voltage Range,
VOCP . . . . . . . . . . . . –0.3 V to +6 V
FB/CC/OLP Voltage Range,
VFB/OLP . . . . . . . . . . –0.3 V to +12 V
FM Voltage Range,
VFM . . . . . . . . . . . . . –0.3 V to +6 V
Package Power Dissipation, PD
control (VCC × ICC(ON)) . . . . . 0.15 W
MOSFET (VDSS × ID) . . . . . . 1.35 W
total . . . . . . . . . . . . . . . . . . . . 1.5 W
MOSFET Channel Temp., TJ . +150°C
Internal Frame Temp., TF . . . . +125°C
Storage Temperature Range,
TS . . . . . . . . . . . .
-40°C to +125°C
* Drain switching current is limited by tem-
perature (page 2) and safe operating area
(page 4).
The STR-A6251 and STR-A6252 are 50 kHz PWM topology (with
±5% frequency jittering for minimum EMI) regulators specifically
designed to satisfy the requirements for increased integration and
reliability in flyback converters. They incorporate a primary control and
drive circuit with avalanche-rated power MOSFETs. The STR-A6252
features higher allowable switching current and lower on-resistance.
The STR-A6251 is also available for 67 kHz operation.
Covering the power range from below 21 watts or 24 watts for a
230 VAC input, or to 15 or 20 watts for a universal (85 to 264 VAC)
input, these devices can be used in a wide range of applications, from
DVD players and VCR player/recorders to ac adapters for cellular
phones and digital cameras. An auto-burst standby function reduces
power consumption at light load, while multiple protections, including
the avalanche-energy guaranteed MOSFET, provide high reliability of
system design.
Cycle-by-cycle current limiting, undervoltage lockout with hyster-
esis, overvoltage protection, and thermal shutdown protect the power
supply during the normal overload and fault conditions. Overvoltage
protection and thermal shutdown are latched after a short delay. The
latch may be reset by cycling the input supply. Low start-up current and
a low-power standby mode selected from the secondary circuit completes
a comprehensive suite of features. Both devices are provided in an 8-pin
mini-DIP plastic package with pin 6 removed.
FEATURES AND BENEFITS
■ 50 kHz PWM with ±5% Frequency Jittering
Cost Reduction of EMI Noise Filtering
■ Rugged 650 V Avalanche-Rated MOSFET
Simplified Surge Absorption
No VDSS Derating Required
■ Choice of
rDS(on) (2.8
Ω or 3.95 Ω maximum)
■ Auto-Burst Mode for Stand-By Operation or Light Loads
Less Transformer Audible Noise
■ Built-In Leading Edge Blanking
■ Soft Start and Low Start-Up Current
Start-Up Circuit Disabled in Operation
■ Low Operating Current (4 mA max)
continued
Always order by complete part number, e.g., STR-A6251 .


Số phần tương tự - STR-A6251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
More results

Mô tả tương tự - STR-A6251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
   Universal-Input 13 W 100 kHz Flyback Switching Regulators
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
   Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
   Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
   Universal-Input 20W 67kHz Flyback Switching Regulators
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
   Universal-Input/5 W Flyback Switching Regulator
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
   Universal-Input/20 W Flyback Switching Regulator
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
   60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
   30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
   60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
   Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7